Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAP51-02 Fiches technique(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

No de pièce BAP51-02
Description  GENERAL PURPOSE PIN DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Site Internet  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BAP51-02 Fiches technique(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BAP51-02 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAP51-02 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAP51-02 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAP51-02 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOD-523 Plastic-Encapsulate Diodes
BAP51-02 GENERAL PURPOSE PIN DIODES
SOD-523
FEATURES
Low diode capacitance
Low diode forward resistance
MARKING: A5
Maximum Ratings and Electrical Characteristics, Single Diode @Ta=25
Parameter
Symbol
Limit
Unit
Continuous Reverse Voltage
VR
60
V
Continuous Forward Current
IF
50
mA
Thermal Resistance from Junction to
Ambient
RθJA
8
33
/W
Junction Temperature
Tj
-
55~+150
Storage Temperature
TSTG
-
55~+150
Electrical Ratings @Ta=25
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Continuous reverse voltage
VR
50
V
IR=10μA
Forward voltage
VF
1.1
V
IF=50mA
Reverse current
IR
100
nA
VR=50V
Cd1
0.4*
pF
VR=0V,f=1MHz
Cd2
0.55
pF
VR=1V,f=1MHz
Diode capacitance
Cd3
0.35
pF
VR=5V,f=1MHz
rD
9
IF=0.5mA , f=100MHz
;note1
rD
6.5
IF=1mA , f=100MHz
;note1
Diode forward resistance
rD
2.5
IF=10mA , f=100MHz
;note1
Note 1. Guaranteed on AQL basis: inspection level S4,AQL 1.0.
Power Dissipation
PD
150
mW
www.cj-elec.com
1
E,Mar,2015
The marking bar indicates the cathode


Numéro de pièce similaire - BAP51-02

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
BAP51-02 LRC-BAP51-02 Datasheet
105Kb / 2P
   General purpose PIN diode
logo
E-Tech Electronics LTD
BAP51-02 ETL-BAP51-02 Datasheet
165Kb / 2P
   General purpose PIN diode
logo
NXP Semiconductors
BAP51-02 PHILIPS-BAP51-02 Datasheet
60Kb / 8P
   General purpose PIN diode
2000 Jul 06
BAP51-02 NXP-BAP51-02 Datasheet
229Kb / 6P
   General purpose PIN diode
Rev. 03-2 January 2008
logo
Guangdong Kexin Industr...
BAP51-02 KEXIN-BAP51-02 Datasheet
33Kb / 1P
   General purpose PIN diode
More results

Description similaire - BAP51-02

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen Jin Yu Semicon...
BAP50-03 HTSEMI-BAP50-03 Datasheet
712Kb / 2P
   GENERAL PURPOSE PIN DIODES
BAP51-02 HTSEMI-BAP51-02 Datasheet
664Kb / 2P
   GENERAL PURPOSE PIN DIODES
logo
Jiangsu Changjiang Elec...
BAR64-02V JIANGSU-BAR64-02V Datasheet
618Kb / 4P
   GENERAL PURPOSE PIN DIODES
logo
SHIKUES Electronics
BAR64-02V SKTECHNOLGY-BAR64-02V Datasheet
612Kb / 3P
   GENERAL PURPOSE PIN DIODES
logo
Micro Commercial Compon...
BAP64-04 MCC-BAP64-04_16 Datasheet
303Kb / 2P
   General Purpose Pin Diodes 250mW
BAP64-06 MCC-BAP64-06_16 Datasheet
302Kb / 2P
   General Purpose Pin Diodes 250mW
BAP64-05 MCC-BAP64-05_16 Datasheet
305Kb / 2P
   General Purpose Pin Diodes 250mW
BAP51-02 MCC-BAP51-02 Datasheet
402Kb / 3P
   General Purpose Pin Diodes 715mW
BAP64-05W MCC-BAP64-05W Datasheet
487Kb / 3P
   General Purpose Pin Diodes 200mW
BAP51-02 MCC-BAP51-02_12 Datasheet
402Kb / 3P
   General Purpose Pin Diodes 715mW
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com