Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CD1005-T12C Datasheet(Fiches technique) 4 Page - Bourns Electronic Solutions

Numéro de pièce CD1005-T12C
Description  Surface Mount TVS Diode Series
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD1005-T12C Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  CD1005-T12C Datenblatt HTML 1Page - Bourns Electronic Solutions CD1005-T12C Datenblatt HTML 2Page - Bourns Electronic Solutions CD1005-T12C Datenblatt HTML 3Page - Bourns Electronic Solutions CD1005-T12C Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
CD0603/CD1005-T Surface Mount TVS Diode Series
Packaging Information
.......
.......
.......
.......
.......
.......
.......
.......
PA
F
E
T
120 °
D2
D
D
1
W1
C
Index Hole
Pin 1
Location
P
0
P
1
W
B
10 pitches (min.)
Direction of Feed
10 pitches (min.)
End
Trailer
Device
Leader
Start
d
The product is dispensed in tape and reel format (see diagram below).
DIMENSIONS:
MM
(INCHES)
Item
Symbol
0603
1005
Carrier Width
A
1.00 ± 0.10
(0.039 ± 0.004)
1.55 ± 0.10
(0.061 ± 0.004)
Carrier Length
B
1.85 ± 0.10
(0.073 ± 0.004)
2.65 ± 0.10
(0.104 ± 0.004)
Carrier Depth
C
1.00 ± 0.10
(0.039 ± 0.004)
1.05 ± 0.10
0.041 ± 0.004)
Sprocket Hole
d
1.55 ± 0.05
(0.061 ± 0.002)
1.55 ± 0.10
(0.061 ± 0.004)
Reel Outside Diameter
D
178
(7.008)
178
(7.008)
Reel Inner Diameter
D1
60.0
(2.362)
MIN.
60.0
(2.362)
MIN.
Feed Hole Diameter
D2
13.0 ± 0.20
(0.512 ± 0.008)
13.0 ± 0.20
(0.512 ± 0.008)
Sprocket Hole Position
E
1.75 ± 0.10
(0.069 ± 0.004)
1.75 ± 0.10
(0.069 ± 0.004)
Punch Hole Position
F
3.50 ± 0.05
(0.138 ± 0.002)
3.50 ± 0.05
(0.138 ± 0.002)
Punch Hole Pitch
P
4.00 ± 0.10
(0.157 ± 0.004)
4.00 ± 0.10
(0.157 ± 0.004)
Sprocket Hole Pitch
P0
4.00 ± 0.10
(0.157 ± 0.004)
4.00 ± 0.10
(0.157 ± 0.004)
Embossment Center
P1
2.00 ± 0.05
(0.079 ± 0.002)
2.00 ± 0.05
(0.079 ± 0.002)
Overall Tape Thickness
T
0.20 ± 0.10
(0.008 ± 0.004)
0.20 ± 0.10
(0.008 ± 0.004)
Tape Width
W
8.00 ± 0.20
(0.315 ± 0.008)
8.00 ± 0.20
(0.315 ± 0.008)
Reel Width
W1
13.5
(0.531)
MAX.
13.5
(0.531)
MAX.
Quantity per Reel
--
4,000
4,000
REV. 12/15
Devices are packed in accordance with EIA standard
RS-481-A and specifications shown here.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn