Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CD1005-T05C Datasheet(Fiches technique) 3 Page - Bourns Electronic Solutions

Numéro de pièce CD1005-T05C
Description  Surface Mount TVS Diode Series
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD1005-T05C Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CD1005-T05C Datenblatt HTML 1Page - Bourns Electronic Solutions CD1005-T05C Datenblatt HTML 2Page - Bourns Electronic Solutions CD1005-T05C Datasheet HTML 3Page - Bourns Electronic Solutions CD1005-T05C Datenblatt HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
20
40
60
80
100
0
25
50
75
100
125
150
Ambient Temperature (°C)
20
40
60
80
100
120
0
0
30
25
20
15
10
5
t – Time (µs)
Test Waveform Parameters
tt = 8 µs
td = 20 µs
Mounting on glass epoxy PCBs
tt
et
td = t
|IPP/2
10,000
1,000
100
10
1
0.01
10
100
10,000
1,000
td – Pulse Duration (µs)
250 W, 8/20 µs Waveform
010
20
30
40
Reverse Voltage (V)
0
3
6
9
12
15
5 V
12 V
24 V
0
20
40
60
80
100
Reverse Voltage (%)
10n
100n
1u
10u
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
CD0603/CD1005-T Surface Mount TVS Diode Series
Rating & Characteristic Curves
Peak Pulse Power vs. Pulse Time
Pulse Waveform
Capacitance Between Terminals
Power Derating Curve
Reverse Characteristics


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn