Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CD143A-SR05LC Datasheet(Fiches technique) 3 Page - Bourns Electronic Solutions

Numéro de pièce CD143A-SR05LC
Description  Steering/TVS Diode Array Series
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD143A-SR05LC Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CD143A-SR05LC_15 Datenblatt HTML 1Page - Bourns Electronic Solutions CD143A-SR05LC_15 Datenblatt HTML 2Page - Bourns Electronic Solutions CD143A-SR05LC_15 Datasheet HTML 3Page - Bourns Electronic Solutions CD143A-SR05LC_15 Datenblatt HTML 4Page - Bourns Electronic Solutions CD143A-SR05LC_15 Datenblatt HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
20
40
60
80
100
120
0
030
25
20
15
10
5
t – Time (µs)
Test Waveform Parameters
tt = 8 µs
td = 20 µs
tt
et
td = t
|IPP/2
0
20
40
60
80
100
0
25
50
75
100
125
150
TL – Lead Temperature (°C)
012345
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VDD = 5 V, GND = 0 V, f = 1 MHz, T = 25°C
Peak Pulse Current (A)
4
5
6
7
8
9
10
11
12
13
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Waveform
Parameters:
tr=8 µs
td=20 µs
I/O pin to GND pin
Typical Clamping Voltage vs. Peak Pulse Current
Pulse Wave Form
CD143A-SR05LC - Steering/TVS Diode Array Series
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Performance Graphs
Typical Capacitance vs. Reverse Voltage
Power Derating Curve
How to Order
CD 143A - SR 05 LC
Common Code
Chip Diode
Package
143A = SOT-143
Model
SR = Steering Diode Array
Workint Peak Voltage
05 = 5.0 VWM (Volts)
Capacitance
LC = Low Capacitance


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn