Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CD143A-SR05LC Datasheet(Fiches technique) 5 Page - Bourns Electronic Solutions

Numéro de pièce CD143A-SR05LC
Description  Steering/TVS Diode Array Series
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD143A-SR05LC Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  CD143A-SR05LC_15 Datenblatt HTML 1Page - Bourns Electronic Solutions CD143A-SR05LC_15 Datenblatt HTML 2Page - Bourns Electronic Solutions CD143A-SR05LC_15 Datenblatt HTML 3Page - Bourns Electronic Solutions CD143A-SR05LC_15 Datenblatt HTML 4Page - Bourns Electronic Solutions CD143A-SR05LC_15 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
3312 - 2 mm SMD Trimming Potentiometer
.......
.......
.......
.......
.......
.......
.......
.......
PB
F
E
d
T
120 °
D2
D
D
1
W1
C
Index Hole
P
0
P
1
W
A
10 pitches (min.)
Direction of Feed
10 pitches (min.)
End
Trailer
Device
Leader
Start
MM
(INCHES)
DIMENSIONS:
CD143A-SR05LC - Steering/TVS Diode Array Series
Packaging Information
The surface mount product is packaged in an 8 mm x 4 mm tape and reel format per EIA-481 standard.
Item
Symbol
SOT-143
Carrier Width
A
2.80 ± 0.15
(0.110 ± 0.006)
Carrier Length
B
3.25 ± 0.15
(0.128 ± 0.006)
Carrier Depth
C
1.25 ± 0.15
(0.049 ± 0.006)
Sprocket Hole
d
1.50 ± 0.10
(0.059 ± 0.004)
Reel Outside Diameter
D
178 ± 2
(7.008 ± 0.079)
Reel Inner Diameter
D1
50.0
(1.969)
MIN.
Feed Hole Diameter
D2
13.0 ± 0.20
(0.512 ± 0.008)
Sprocket Hole Position
E
1.75 ± 0.10
(0.069 ± 0.004)
Punch Hole Position
F
3.50 ± 0.10
(0.138 ± 0.004)
Punch Hole Pitch
P
4.00 ± 0.10
(0.157 ± 0.004)
Sprocket Hole Pitch
P0
4.00 ± 0.20
(0.157 ± 0.008)
Embossment Center
P1
2.00 ± 0.10
(0.079 ± 0.004)
Overall Tape Thickness
T
0.20 ± 0.10
(0.008 ± 0.004)
Tape Width
W
8.00 ± 0.20
(0.315 ± 0.008)
Reel Width
W1
14.4
(0.567)
MAX.
Quantity per Reel
--
3,000
REV. 03/15
Asia-Pacific:
Tel: +886-2 2562-4117
Fax: +886-2 2562-4116
EMEA:
Tel: +36 88 520 390
Fax: +36 88 520 211
The Americas:
Tel: +1-951 781-5500
Fax: +1-951 781-5700
www.bourns.com
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn