Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCQB476M006S0070 Fiches technique(PDF) 2 Page - AVX Corporation

No de pièce TCQB476M006S0070
Description  Automotive Conductive Polymer Chip Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVX [AVX Corporation]
Site Internet  http://www.avx.com
Logo AVX - AVX Corporation

TCQB476M006S0070 Fiches technique(HTML) 2 Page - AVX Corporation

  TCQB476M006S0070 Datasheet HTML 1Page - AVX Corporation TCQB476M006S0070 Datasheet HTML 2Page - AVX Corporation TCQB476M006S0070 Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
101215
TCQ Series
Automotive Conductive Polymer Chip Capacitors
Case
Capacitance
Rated
DCL
DF
ESR
100kHz RMS Current (mA)
Humidity
AVX Part No.
Size
(μF)
Voltage
(μA)
%
Max (mΩ)
MSL
25ºC
85ºC
105ºC
125ºC
85°C/85%RH,
(V)
Max
Max
@100kHz
Vr (hrs)
4 Volt @ 105°C
TCQD227M004#0025
D
220
4
88
6
25
3
3000
2100
1350
750
1000
TCQY227M004#0025
Y
220
4
88
6
25
3
2720
1904
1224
680
500
6.3 Volt @ 105°C
TCQB226M006#0070
B
22
6.3
13.2
6
70
3
1336
935
601
334
500
TCQB336M006#0070
B
33
6.3
19.8
6
70
3
1336
935
601
334
500
TCQB476M006#0070
B
47
6.3
28.2
6
70
3
1336
935
601
334
500
TCQD157M006#0025
D
150
6.3
90
6
25
3
3000
2100
1350
750
1000
TCQD157M006#0040
D
150
6.3
90
6
40
3
2372
1660
1067
593
1000
10 Volt @ 105°C
TCQD686M010#0025
D
68
10
68
6
25
3
3000
2100
1350
750
1000
TCQD686M010#0040
D
68
10
68
6
40
3
2372
1660
1067
593
1000
TCQD107M010#0025
D
100
10
100
6
25
3
3000
2100
1350
750
1000
TCQD107M010#0040
D
100
10
100
6
40
3
2372
1660
1067
593
1000
16 Volt @ 105°C
TCQD336M016#0070
D
33
16
52.8
6
70
3
1793
1255
807
448
1000
TCQD476M016#0070
D
47
16
75.2
6
70
3
1793
1255
807
448
1000
20 Volt @ 105°C
TCQD226M020#0070
D
22
20
44
6
70
3
1793
1255
807
448
1000
25 Volt @ 105°C
TCQD156M025#0070
D
15
25
37.5
6
70
3
1793
1255
807
448
1000
35 Volt @ 105°C
TCQD106M035#0070
D
10
35
35
6
70
3
1793
1255
807
448
1000
Capacitance
Rated Voltage DC (V
R) @ 105°C
μF
Code
4V (G)
6.3V (J)
10V (A)
16V (C)
20V (D)
25V (E)
35V (V)
3.3
335
4.7
475
B(200)*
6.8
685
B(200)*
10
106
B(200)*
D(70)
15
156
D(70)
22
226
B(70)
B(70)*
D(70)
33
336
B(70)
B(70)*
D(70)
47
476
B(70)
B(70)*
D(70)
68
686
D(25,40)
100
107
D(25,40)
150
157
D(25,40)
220
227
D(25), Y(25)
CAPACITANCE AND RATED VOLTAGE RANGE
(LETTER DENOTES CASE SIZE)
Available Ratings, (ESR ratings in mOhms in brackets)
*Codes under development - subject to change
Note: Voltage ratings are minimum values. AVX reserves the right to supply higher ratings in the same case size, to the same reliability standards.
RATINGS & PART NUMBER REFERENCE
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25ºC. Capacitance and DF are measured at 120Hz, 0.5RMS with DC bias of 2.2 volts. DCL is measured at
rated voltage after 5 minutes.
ESR allowed to move up to 1.25 times catalog limit post mounting.
For typical weight and composition see page 218.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.


Numéro de pièce similaire - TCQB476M006S0070

FabricantNo de pièceFiches techniqueDescription
logo
AVX Corporation
TCQ AVX-TCQ Datasheet
494Kb / 4P
   Automotive Conductive Polymer Chip Capacitors
logo
Christian Bürkert GmbH ...
TCQ001 BURKERT-TCQ001 Datasheet
284Kb / 5P
   Flow control switch – normally open or normally closed contact
17.06.2020
logo
Nihon Inter Electronics...
TCQ10A04 NIEC-TCQ10A04 Datasheet
168Kb / 1P
   Scokkty Barrier Diode
TCQ10A04-11A NIEC-TCQ10A04-11A Datasheet
279Kb / 1P
   Scokkty Barrier Diode
logo
National Instruments Co...
TCQ10A04-11A NI-TCQ10A04-11A_15 Datasheet
279Kb / 1P
   SBD
More results

Description similaire - TCQB476M006S0070

FabricantNo de pièceFiches techniqueDescription
logo
AVX Corporation
TCQ AVX-TCQ Datasheet
494Kb / 4P
   Automotive Conductive Polymer Chip Capacitors
logo
Kemet Corporation
T520 KEMET-T520 Datasheet
741Kb / 7P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T525 KEMET-T525 Datasheet
565Kb / 5P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T525 KEMET-T525_1 Datasheet
698Kb / 5P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T520 KEMET-T520_1 Datasheet
807Kb / 8P
   CONDUCTIVE POLYMER CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B_12 Datasheet
133Kb / 7P
   Conductive polymer chip capacitors(Standard)
logo
AVX Corporation
TCJ AVX-TCJ Datasheet
1Mb / 11P
   Conductive Polymer Solid Electrolytic Chip Capacitors
logo
MERITEK ELECTRONICS COR...
PEVA MERITEK-PEVA Datasheet
805Kb / 2P
   Conductive Polymer Aluminum Solid Capacitors (V Chip)
logo
AVX Corporation
TCM AVX-TCM Datasheet
610Kb / 4P
   Conductive Polymer Solid Electrolytic Chip Multianode Capacitors
logo
MERITEK ELECTRONICS COR...
PEV5 MERITEK-PEV5 Datasheet
972Kb / 5P
   Conductive Polymer Aluminum Solid Capacitors (V Chip)
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com