Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BYZ50K22 Fiches technique(PDF) 2 Page - Diotec Semiconductor

No de pièce BYZ50K22
Description  High Temperature Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIOTEC [Diotec Semiconductor]
Site Internet  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BYZ50K22 Fiches technique(HTML) 2 Page - Diotec Semiconductor

  BYZ50K22 Datasheet HTML 1Page - Diotec Semiconductor BYZ50K22 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BYZ50A22 ... BYZ50A47, BYZ50K22 ... BYZ50K47
Characteristics
Kennwerte
Forward Voltage – Durchlass-Spannung
Tj = 25°C
IF = 50 A
VF
< 1.1 V
Thermal Resistance Junction – Case
Wärmewiderstand Sperrschicht – Gehäuse
RthC
< 0.6 K/W
Maximum pressing force
Maximaler Einpressdruck
Fpmax
4 kN
© Diotec Semiconductor AG
http://www.diotec.com/
2
120
100
80
60
40
20
0
[%]
I
FAV
Rated forward current versus case temperature
Zul. Richtstrom in Abh. von der Gehäusetemp.
[°C]
T
C
150
100
50
0
200
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
10
10
10
1
10
3
2
-1
[A]
I
F
0.4
V
F
0.8
1.0
1.2
1.4
[V] 1.8
T = 25°C
j
T = 125°C
j
400a-(50a-1,1v)
Peak forward surge current versus number of cycles at 50 Hz
Durchlaß-Spitzenstrom in Abh. von der Zahl der Halbwellen bei 50 Hz
10
10
10
3
2
[A]
î
F
1
10
10
[n]
10
2
3


Numéro de pièce similaire - BYZ50K22

FabricantNo de pièceFiches techniqueDescription
logo
Diotec Semiconductor
BYZ50K22 DIOTEC-BYZ50K22 Datasheet
163Kb / 2P
   Silicon Protectifiers with TVS characteristics High-temperature diodes
BYZ50K22 DIOTEC-BYZ50K22 Datasheet
72Kb / 2P
   Silicon-Protectifiers with TVS characteristic -High Temperature Diodes
logo
Semikron International
BYZ50K22 SEMIKRON-BYZ50K22 Datasheet
210Kb / 1P
   Silicon Protectifiers with TVS characteristics High-temperature diodes
logo
Diotec Semiconductor
BYZ50K22 DIOTEC-BYZ50K22 Datasheet
118Kb / 2P
   Silicon-Protectifiers with TVS characteristic ??High Temperature Diodes
BYZ50K22 DIOTEC-BYZ50K22 Datasheet
156Kb / 2P
   Press-Fit Diodes ??Protectifiers
More results

Description similaire - BYZ50K22

FabricantNo de pièceFiches techniqueDescription
logo
Diotec Semiconductor
BYZ50A22 DIOTEC-BYZ50A22_14 Datasheet
110Kb / 2P
   High Temperature Diodes
BYP60A05 DIOTEC-BYP60A05_14 Datasheet
108Kb / 2P
   High Temperature Diodes
BYZ35A22 DIOTEC-BYZ35A22_14 Datasheet
110Kb / 2P
   High Temperature Diodes
BYZ35A22 DIOTEC-BYZ35A22_15 Datasheet
108Kb / 2P
   High Temperature Diodes
KYW35A05 DIOTEC-KYW35A05_07 Datasheet
68Kb / 2P
   Silicon-Press-Fit-Diodes - High Temperature Diodes
BYP25A05 DIOTEC-BYP25A05 Datasheet
71Kb / 2P
   Silicon-Press-Fit-Diodes - High Temperature Diodes
BYP25A05 DIOTEC-BYP25A05 Datasheet
191Kb / 2P
   Silicon Press-Fit-Diodes High-temperature diodes
BYP60A05 DIOTEC-BYP60A05 Datasheet
181Kb / 2P
   Silicon Press-Fit-Diodes High-temperature diodes
BYP35A05 DIOTEC-BYP35A05_14 Datasheet
109Kb / 2P
   Silicon-Press-Fit-Diodes ??High Temperature Diodes
KYZ35A05 DIOTEC-KYZ35A05_07 Datasheet
69Kb / 2P
   Silicon-Press-Fit-Diodes - High Temperature Diodes
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com