Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TA8696F Datasheet(Fiches technique) 8 Page - Toshiba Semiconductor

Numéro de pièce TA8696F
Description  TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
Télécharger  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8696F Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TA8696F Datenblatt HTML 4Page - Toshiba Semiconductor TA8696F Datenblatt HTML 5Page - Toshiba Semiconductor TA8696F Datenblatt HTML 6Page - Toshiba Semiconductor TA8696F Datenblatt HTML 7Page - Toshiba Semiconductor TA8696F Datasheet HTML 8Page - Toshiba Semiconductor TA8696F Datenblatt HTML 9Page - Toshiba Semiconductor TA8696F Datenblatt HTML 10Page - Toshiba Semiconductor TA8696F Datenblatt HTML 11Page - Toshiba Semiconductor TA8696F Datenblatt HTML 12Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TA8696F
2002-02-13
8
Test Circuit 1
Direct Current Characteristic
Note 3: Connect test pins directly to IC pins. (not shown above.)
Test value is written as V.1 to V.30.
Test Circuit 2
Alternating Current Characteristic
Note 4: The numbers of testing pins are not shown above because they are the same as IC pin numbers.
B
G
R
BS/H
L.GND
L.VCC
RS/H
Channel Input
B
G
R
Input
B
G
COM
Drive
HD
VD
CP
F.F.
Output
H.GND
B
G
COM
B
G
R
Output
Cutoff
g Offset
VO
Center
H.VCC
Channel
Mode
Vref
SW13
T1 to T30
Power supply and bias signal apply pins.
T15
L.VCC
SW12
SW14
SW11
SW18
SW19
SW17 SW16
SW24
SW25
SW23 SW22
T26 H.VCC
M1 to M30
Power voltage and waveform testing pins.
30
1
29
2
28
3
27
4
26
5
25
6
24
7
23
8
22
9
21
10
20
11
19
12
18
13
17
14
16
15
B
G
R
BS/H
L.GND
L.VCC
RS/H
Channel Input
B
G
R
Input
B
G
COM
Drive
HD
VD
CP
F.F.
Output
H.GND
B
G
COM
B
G
R
Output
Cutoff
g Offset
VO
Center
H.VCC
Channel
Mode
Vref
L.VCC
4.0 V
H.VCC
13.0 V
30
1
29
2
28
3
27
4
26
5
25
6
24
7
23
8
22
9
21
10
20
11
19
12
18
13
17
14
16
15


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn