Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54613 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS54613
Description  3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS54613 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS54613 Datasheet HTML 4Page - Texas Instruments TPS54613 Datasheet HTML 5Page - Texas Instruments TPS54613 Datasheet HTML 6Page - Texas Instruments TPS54613 Datasheet HTML 7Page - Texas Instruments TPS54613 Datasheet HTML 8Page - Texas Instruments TPS54613 Datasheet HTML 9Page - Texas Instruments TPS54613 Datasheet HTML 10Page - Texas Instruments TPS54613 Datasheet HTML 11Page - Texas Instruments TPS54613 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TPS54610
SLVS398D − JUNE 2001 − REVISED JULY 2003
www.ti.com
8
APPLICATION INFORMATION
Figure 10 shows the schematic diagram for a typical
TPS54610 application. The TPS54610 (U1) can provide
greater than 6 A of output current at a nominal output
voltage of 3.3 V. For proper thermal performance, the
exposed thermal PowerPAD underneath the integrated
circuit package must be soldered to the printed-circuit
board.
VIN
24
23
22
21
20
VIN
VIN
VIN
VIN
14
13
12
11
10
9
8
7
6
PH
PH
PH
PH
PH
PH
PH
PH
PH
5
BOOT
19
18
17
16
15
PGND
PGND
PGND
PGND
PGND
POWERPAD
AGND
VSENSE
COMP
PWRGD
SS/ENA
SYNC
RT
28
27
26
VBIAS
25
4
3
2
1
U1
TPS54610PWP
C8
10
µF
C7
0.047
µF
L1
4.7
µH
C9
470
µF
4 V
+
C10
470
µF
4 V
+
C11
100 pF
VO
R5
1.74 k
C6
8200 pF
R4
10 k
R3
3.74 k
R1
9.09 k
C5
5600 pF
C3
120 pF
R2
10 k
PWRGD
C4
0.1
µF
C1
0.047
µF
C2
220
µF
10 V
+
VI
Figure 10. Application Circuit
COMPONENT SELECTION
The values for the components used in this design
example were selected using the SWIFT designer
software tool. SWIFT designer provides a complete design
environment for developing dc-dc converters using the
TPS54610.
INPUT FILTER
The input to the circuit is a nominal 5 VDC. The input filter
C2 is a 220-
µF POSCAP capacitor, with a maximum
allowable ripple current of 3 A. C8 provides high frequency
decoupling of the TPS54610 from the input supply and
must be located as close as possible to the device. Ripple
current is carried in both C2 and C8, and the return path to
PGND must avoid the current circulating in the output
capacitors C9 and C10.
FEEDBACK CIRCUIT
The resistor divider network of R3 and R4 sets the output
voltage for the circuit at 3.3 V. R4, along with R1, R5, C3,
C5, and C6 form the loop compensation network for the
circuit. For this design, a Type 3 topology is used.


Numéro de pièce similaire - TPS54613

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54613 TI-TPS54613 Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54613 TI-TPS54613 Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54613 TI-TPS54613 Datasheet
1Mb / 28P
[Old version datasheet]   TPS5461x 3-V to 6-V Input, 6-A Output Synchronous Buck PWM Switcher With Integrated FETs (SWIFT??
TPS54613-EP TI1-TPS54613-EP Datasheet
967Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54613-Q1 TI-TPS54613-Q1 Datasheet
256Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
More results

Description similaire - TPS54613

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCP1592 ONSEMI-NCP1592_12 Datasheet
603Kb / 20P
   3 V to 6 V Input, 6 A Output Synchronous Buck PWM Switcher with Integrated FETs
July, 2012 ??Rev. 1
logo
Texas Instruments
TPS54611-EP TI1-TPS54611-EP_16 Datasheet
967Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311-EP TI1-TPS54311-EP_16 Datasheet
718Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311-Q1 TI1-TPS54311-Q1 Datasheet
411Kb / 20P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54611-Q1 TI-TPS54611-Q1 Datasheet
256Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54611-EP TI1-TPS54611-EP Datasheet
789Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54611 TI1-TPS54611 Datasheet
1Mb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310 TI1-TPS54310_16 Datasheet
1Mb / 28P
[Old version datasheet]   3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs
TPS54680-EP TI1-TPS54680-EP_16 Datasheet
1Mb / 25P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54616MPWPREP TI-TPS54616MPWPREP Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com