Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DZ23C3V6 Fiches technique(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

No de pièce DZ23C3V6
Description  ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Site Internet  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

DZ23C3V6 Fiches technique(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  DZ23C3V6 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd DZ23C3V6 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd DZ23C3V6 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd DZ23C3V6 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd DZ23C3V6 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Notes: 2. Short duration pulse test used to minimize self-heating effect.
3. f = 1KHz.
Zener Voltage
Range (Note 2)
Maximum Zener Impedance (Note3)
Min. Reverse
Voltage (Note2)
@ IZT = 5.0mA
ZZT @ IZT = 5.0mA
ZZK @ IZK = 1.0mA
Typical
Temperature
Coefficient
@ IR = 0.1μA
Type
Number
Marking
Code
VZ (Volts)
Ohms
Ohms
TC (%/°C)
VR (Volts)
DZ23C2V7
KV1
2.5-2.9
83
500
-0.065
DZ23C3V0
KV2
2.8-3.2
95
500
-0.060
DZ23C3V3
KV3
3.1-3.5
95
500
-0.055
DZ23C3V6
KV4
3.4-3.8
95
500
-0.055
DZ23C3V9
KV5
3.7-4.1
95
500
-0.050
DZ23C4V3
KV6
4.0-4.6
95
500
-0.035
DZ23C4V7
KV7
4.4-5.0
78
500
-0.015
DZ23C5V1
KV8
4.8-5.4
60
480
+0.005
0.8
DZ23C5V6
KV9
5.2-6.0
40
400
+0.020
1.0
DZ23C6V2
KVA
5.8-6.6
10
200
+0.030
2.0
DZ23C6V8
KVB
6.4-7.2
8.0
150
+0.045
3.0
DZ23C7V5
KVC
7.0-7.9
7.0
50
+0.050
5.0
DZ23C8V2
KVD
7.7-8.7
7.0
50
+0.055
6.0
DZ23C9V1
KVE
8.5-9.6
10
50
+0.065
7.0
DZ23C10
KVF
9.4-10.6
15
70
+0.065
7.5
DZ23C11
KVG
10.4-11.6
20
70
+0.070
8.5
DZ23C12
KVH
11.4-12.7
20
90
+0.075
9.0
DZ23C13
KVI
12.4-14.1
25
110
+0.080
10.0
DZ23C15
KVJ
13.8-15.6
30
110
+0.080
11.0
DZ23C16
KVK
15.3-17.1
40
170
+0.090
12.0
DZ23C18
KVL
16.8-19.1
50
170
+0.090
14.0
DZ23C20
KVM
18.8-21.2
50
220
+0.090
15.0
DZ23C22
KVN
20.8-23.3
55
220
+0.090
17.0
DZ23C24
KVO
22.8-25.6
80
220
+0.090
18.0
DZ23C27
KVP
25.1-28.9
80
250
+0.090
20.0
DZ23C30
KVQ
28-32
80
250
+0.090
22.5
DZ23C33
KVR
31-35
80
250
+0.090
25.0
DZ23C36
KVS
34-38
90
250
+0.090
27.0
DZ23C39
KVT
37-41
90
300
+0.110
29.0
DZ23C43
KVU
40-46
100
700
+0.110
32.0
DZ23C47
KVV
44-50
100
750
+0.110
35.0
DZ23C51
KVW
48-54
100
750
+0.110
38.0
www.cj-elec.com
2
ELECTRICAL CHARACTERISTICS
T
a=25unless otherwise specified
C,Apr,2015


Numéro de pièce similaire - DZ23C3V6

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
DZ23C3V6 VISHAY-DZ23C3V6 Datasheet
53Kb / 4P
   300 mW Dual Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
DZ23C3V6 VISHAY-DZ23C3V6 Datasheet
120Kb / 7P
   Small Signal Zener Diodes, Dual
Rev. 2.0, 08-Nov-16
logo
Diodes Incorporated
DZ23C3V6 DIODES-DZ23C3V6 Datasheet
60Kb / 3P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 8 - 2
logo
Micro Commercial Compon...
DZ23C3V6 MCC-DZ23C3V6 Datasheet
261Kb / 4P
   300 mW Zener Diode 2.4 to 75 Volts
logo
Diodes Incorporated
DZ23C3V6 DIODES-DZ23C3V6 Datasheet
391Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 14 - 2
More results

Description similaire - DZ23C3V6

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com