Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA2-6300-CKB-STD Fiches technique(PDF) 1 Page - Bourns Electronic Solutions

No de pièce SA2-6300-CKB-STD
Description  High Voltage Gas Discharge Tube
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SA2-6300-CKB-STD Fiches technique(HTML) 1 Page - Bourns Electronic Solutions

  SA2-6300-CKB-STD Datasheet HTML 1Page - Bourns Electronic Solutions SA2-6300-CKB-STD Datasheet HTML 2Page - Bourns Electronic Solutions SA2-6300-CKB-STD Datasheet HTML 3Page - Bourns Electronic Solutions SA2-6300-CKB-STD Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Electrical Characteristics
SA2 Series High Voltage Gas Discharge Tube
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Operating Temperature Range .................................................................................................................................................... -40 °C to +125 °C
Storage Temperature Range ....................................................................................................................................................... -65 °C to +125 °C
Device Plating............................................................................................................................................................................................ Matte-Sn
Description
Bourns® SA2 Series two-electrode High Voltage Gas Discharge Tube devices are designed
for high isolation applications. The series offers high insulation resistance over a wide
temperature range and is offered with DC breakdowns from 2.4 kV to 7.2 kV. Other
customized voltages between 2 kV and 7.2 kV are available upon request.
Part No.
Device Specifications
Life Ratings
DC Breakdown Voltage
@ 500 V/s
Impulse
Breakdown
Ramp
Insulation
Resistance
@ 250 Vdc
Arc
Voltage
@ 5A
min.
Capacitance
@ 1 MHz
Nominal Impulse
Discharge
Nom.
DC
Break-
down
After
Life
Min.
Typ.
Max.
Tol.
Max.
Typ.
Min.
Typ.
Max.
1
Operation
10
Operations
SA2-2400-Dxx-STD
2040
2400
2880
-15 % to
+20 %
3800 V
@1
kV/µs
10 G Ohm
20 V
1 pF
10 kA,
8/20 µs
5 kA,
8/20 µs,
±5
operations
in each
polarity
>2.0 kV
SA2-2400-Cxx-STD
1920
2400
2880
-20 % to
+20 %
>1.9 kV
SA2-3000-Dxx-STD
2550
3000
3600
-15 % to
+20 %
4500 V
@7.5
kV/µs
>2.4 kV
SA2-3000-Cxx-STD
2400
3000
3600
-20 % to
+20 %
>2.3 kV
SA2-3600-Dxx-STD
3060
3600
4320
-15 % to
+20 %
5400 V
@7.5
kV/µs
>3.0 kV
SA2-3600-Cxx-STD
2880
3600
4320
-20 % to
+20 %
>2.8 kV
SA2-5500-Dxx-STD
4675
5500
6600
-15 % to
+20 %
8000 V
@7.5
kV/µs
>4.4 kV
SA2-5500-Cxx-STD
4400
5500
6600
-20 % to
+20 %
>4.2 kV
SA2-6200-Dxx-STD
5270
6200
7440
-15 % to
+20 %
8000 V
@7.5
kV/µs
>5.2 kV
SA2-6200-Cxx-STD
4960
6200
7440
-20 % to
+20 %
>4.9 kV
SA2-6300-Dxx-STD
5355
6300
7560
-15 % to
+20 %
9200 V
@7.5
kV/µs
>5.3 kV
SA2-6300-Cxx-STD
5040
6300
7560
-20 % to
+20 %
>5.0 kV
SA2-7200-Dxx-STD
6120
7200
8640
-15 % to
+20 %
10000 V
@1
kV/µs
>6.3 kV
SA2-7200-Cxx-STD
5760
7200
8640
-20 % to
+20 %
>6.0 kV
Features
Formerly a
product
High insulation resistance
Quick response, long service life
Available DC breakdown range:
2.4 kV to 7.2 kV
Wide operating temperature range
RoHS compliant*
Applications
Street lighting
Medical devices
Air conditioning
Power supplies
Projectors
Welders
Agency Recognition
Agency
Category
Agency
File No.
UL
UL 1449
E313168
Note: Model SA2-7200 specification is based on the customer providing sufficient encapsulation/working environment for the component
to avoid outside surface breakdown (e.g., non-contaminated equivalent surface in RH 40 % reaches breakdown at 10-12 kV).
Product Characteristics


Numéro de pièce similaire - SA2-6300-CKB-STD

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
SA2-6300-CKB-STD BOURNS-SA2-6300-CKB-STD Datasheet
326Kb / 4P
   SA2 Series High Voltage Gas Discharge Tube
More results

Description similaire - SA2-6300-CKB-STD

FabricantNo de pièceFiches techniqueDescription
logo
UN Semiconducctor INC
UN2E5 UNSEMI-UN2E5_V01 Datasheet
3Mb / 6P
   High Voltage Single Gas Discharge Tube
Revision March 1,2022
UN2H8 UNSEMI-UN2H8 Datasheet
3Mb / 7P
   High Voltage Single Gas Discharge Tube
Revision March 1,2022
logo
Bourns Electronic Solut...
2093-100 BOURNS-2093-100 Datasheet
236Kb / 2P
   High Voltage 2-Electrode Gas Discharge Tube
2095-80 BOURNS-2095-80 Datasheet
284Kb / 2P
   High Voltage 2-Electrode Gas Discharge Tube
2093-100 BOURNS-2093-100_15 Datasheet
238Kb / 2P
   High Voltage 2-Electrode Gas Discharge Tube
2095-80 BOURNS-2095-80_15 Datasheet
237Kb / 2P
   High Voltage 2-Electrode Gas Discharge Tube
logo
Shanghai Leiditech Elec...
2R1000-6 LEIDITECH-2R1000-6 Datasheet
487Kb / 5P
   Gas Discharge Tube
logo
StarHope
GDT-B8H SPSEMI-GDT-B8H Datasheet
120Kb / 3P
   Gas Discharge Tube
logo
SUNMATE electronic Co.,...
3R075LB-7 SUNMATE-3R075LB-7 Datasheet
468Kb / 2P
   GAS DISCHARGE TUBE
3R075TB-8 SUNMATE-3R075TB-8 Datasheet
518Kb / 2P
   GAS DISCHARGE TUBE
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com