Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST-0840-BLT-STD Datasheet(Fiches technique) 2 Page - Bourns Electronic Solutions

Numéro de pièce ST-0840-BLT-STD
Description  Sparctube Switching Spark Gap
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

ST-0840-BLT-STD Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  ST-0840-BLT-STD Datenblatt HTML 1Page - Bourns Electronic Solutions ST-0840-BLT-STD Datasheet HTML 2Page - Bourns Electronic Solutions ST-0840-BLT-STD Datenblatt HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
60.0-82.0
(2.362-3.228)
TINNEDLEADS
METALELECTRODE
CERAMICINSULATOR
8.0+0.1/-0.3
(.315+.004/-.012)
DIA.
8.0+0.1/-0.3
(.315+.004/-.012)
DIA.
1.0
(.039)
DIA.
5.8±0.3
(.228±.012)
8.0+0.1/-0.3
(.315+.004/-.012)
DIA.
METALELECTRODE
CERAMICINSULATOR
5.8±0.3
(.228±.012)
8.4
(.331)
MAX.
8.6
(.339)
MAX.
1.00
(.039)
DIA.
8.4
(.331)
MAX.
5.8±0.3
(.228±.012)
2.52±0.20
(.099±.008)
0.25+0.15/-0.05
(.010+.006/-.002)
0.20
(.008)
APPROX.
9.6
(.38)
8.6
(.34)
4.5
(.18)
Recommended Pad Layout
60.0-82.0
(2.362-3.228)
TINNEDLEADS
METALELECTRODE
CERAMICINSULATOR
8.0+0.1/-0.3
(.315+.004/-.012)
DIA.
8.0+0.1/-0.3
(.315+.004/-.012)
DIA.
1.0
(.039)
DIA.
5.8±0.3
(.228±.012)
8.0+0.1/-0.3
(.315+.004/-.012)
DIA.
METALELECTRODE
CERAMICINSULATOR
5.8±0.3
(.228±.012)
8.4
(.331)
MAX.
8.6
(.339)
MAX.
1.00
(.039)
DIA.
8.4
(.331)
MAX.
5.8±0.3
(.228±.012)
2.52±0.20
(.099±.008)
0.25+0.15/-0.05
(.010+.006/-.002)
0.20
(.008)
APPROX.
9.6
(.38)
8.6
(.34)
4.5
(.18)
Sparctube®SwitchingSparkGapST-0840Series
Product Dimensions
ST-0840-BLx
How to Order
ST - 0840 - B x x - STD
Series
Designator
Switching Voltage
0840 = 840 V
Tolerance
B = 12 %
Lead Shape
B = Bent Leads
C = No Leads*
L = Straight Leads
Packaging
B = Bulk
T = Tape & Reel*
StandardorModifiedProductIndicator
STD = Standard
*Leadless version available in bulk packaging
only.
Typical Part Marking
ST 0840 wwy...... “wwy” = Week and
year of production
DIMENSIONS:
MM
(INCHES)
ST-0840-BCx
ST-0840-BBx
Test Circuit
C
Uo
RL
Us
DUT
Uo.........1000-1500 V
R...........See Note
C...........100 nF
L............0.5 µH
DUT ......Device Under Test
Us .........Breakdown Voltages
NOTE: Uo and R are set to provide suitable conditions for
different measurements.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn