Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC14135MT Fiches technique(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce DAC14135MT
Description  14-bit, 135MSPS D/A Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC14135MT Fiches technique(HTML) 6 Page - National Semiconductor (TI)

Back Button DAC14135MT Datasheet HTML 2Page - National Semiconductor (TI) DAC14135MT Datasheet HTML 3Page - National Semiconductor (TI) DAC14135MT Datasheet HTML 4Page - National Semiconductor (TI) DAC14135MT Datasheet HTML 5Page - National Semiconductor (TI) DAC14135MT Datasheet HTML 6Page - National Semiconductor (TI) DAC14135MT Datasheet HTML 7Page - National Semiconductor (TI) DAC14135MT Datasheet HTML 8Page - National Semiconductor (TI) DAC14135MT Datasheet HTML 9Page - National Semiconductor (TI) DAC14135MT Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
http://www.national.com
6
DAC14135 Typical Performance Characteristics (AV
DD= +5V, DVDD = +5V, CVDD = +5V, TA = 25°C)
SFDR vs. Fout @ 135MSPS
Fout (MHz)
HD vs. Fout @ 100MSPS, DVDD = +3.3V
Fout (MHz)
60
70
80
90
100
0
20
30
40
50
10
HD vs. Fout @ 135MSPS, 0dBFS
Fout (MHz)
60
70
80
90
100
0
20
30
40
50
10
SFDR vs. Fout, 0dBFS
Fout (MHz)
60
65
70
75
80
85
90
0
40
10
20
30
60
65
70
75
80
85
90
0
40
10
20
30
HD4
HD3
HD2
SNR vs. Fs @ 0dBFS 20mA, DC to Fs/2
Fs(MSPS)
60
65
70
75
80
70
90
110
130
SFDR vs. Temp @ 135MSPS, 0dBFS
Temperature (
°C)
70
75
80
85
90
-45
050
Fout = 1MHz
Fout = 5MHz
Fout = 20MHz
INL
Code
-2.0
-1.0
0
1.0
2.0
0
10000
15000
5000
10000
15000
5000
DNL
Code
-1.0
-0.8
-0.6
-0.4
-0.2
0
0.2
0.8
0.6
0.4
1.0
0
HD4
HD3
HD2
135MSPS
65MSPS
100MSPS
0dBFS
-6dBFS
-12dBFS
85


Numéro de pièce similaire - DAC14135MT

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
DAC1401D125 NXP-DAC1401D125 Datasheet
359Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
Rev. 01-13 November 2008
logo
Integrated Device Techn...
DAC1401D125 IDT-DAC1401D125 Datasheet
457Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
logo
Renesas Technology Corp
DAC1401D125 RENESAS-DAC1401D125 Datasheet
461Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
2 July 2012
logo
NXP Semiconductors
DAC1401D125HL NXP-DAC1401D125HL Datasheet
359Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
Rev. 01-13 November 2008
logo
Integrated Device Techn...
DAC1401D125HL IDT-DAC1401D125HL Datasheet
457Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
More results

Description similaire - DAC14135MT

FabricantNo de pièceFiches techniqueDescription
logo
Maxwell Technologies
7872 MAXWELL-7872 Datasheet
154Kb / 11P
   14-Bit A/D Converter
logo
Renesas Technology Corp
HI5905 RENESAS-HI5905 Datasheet
598Kb / 11P
   14-Bit, 5MSPS A/D Converter
March 2003
logo
National Semiconductor ...
CLC5958 NSC-CLC5958 Datasheet
1Mb / 13P
   14-bit, 52MSPS A/D Converter
logo
Intersil Corporation
HI5905 INTERSIL-HI5905_03 Datasheet
581Kb / 11P
   14-Bit, 5MSPS A/D Converter
HI5905 INTERSIL-HI5905 Datasheet
108Kb / 11P
   14-Bit, 5 MSPS A/D Converter
logo
Analog Devices
AD6645 AD-AD6645 Datasheet
2Mb / 20P
   14-Bit, 80 MSPS A/D Converter
REV. 0
AD9444 AD-AD9444 Datasheet
1Mb / 40P
   14-Bit, 80 MSPS, A/D Converter
REV. 0
logo
Linear Technology
LTC1414 LINER-LTC1414_15 Datasheet
294Kb / 20P
   14-Bit, 2.2Msps, Sampling A/D Converter
logo
STMicroelectronics
TSA1401 STMICROELECTRONICS-TSA1401 Datasheet
523Kb / 19P
   14-BIT, 20MSPS, 85mW A/D CONVERTER
logo
Analog Devices
AD9444 AD-AD9444_15 Datasheet
1Mb / 40P
   14-Bit, 80 MSPS, A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com