Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTA12-600BW Fiches technique(PDF) 1 Page - Inchange Semiconductor Company Limited

No de pièce BTA12-600BW
Description  With TO-220AB insulated package
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISC [Inchange Semiconductor Company Limited]
Site Internet  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BTA12-600BW Fiches technique(HTML) 1 Page - Inchange Semiconductor Company Limited

  BTA12-600BW Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc Triacs
BTA12-600BW
FEATURES
·
With TO-220AB insulated package
·
Suitables for general purpose AC switching. Which can be used as an
ON/OFF function in applications such as static relays, heating regulation,
induction motor starting circuits. Or for phase control operation in light
dimmers, motor speed controllers etc.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
600
V
VRRM
Repetitive peak reverse voltage
600
V
IT(RMS)
RMS on-state current (full sine wave)Tj=90℃
12
A
ITSM
Non-repetitive peak on-state current tp=20ms
120
A
Tj
Operating junction temperature
110
Tstg
Storage temperature
-45~150
Rth(j-c)
Thermal resistance, junction to case
2.3
/W
Rth(j-a)
Thermal resistance, junction to ambient
60
/W
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
IRRM
Repetitive peak reverse current
VR=VRRM,
VR=VRRM, Tj=110
0.01
0.5
mA
IDRM
Repetitive peak off-state current
VD=VDRM,
VD=VDRM, Tj=110
0.01
0.5
mA
IGT
Gate trigger current
-Ⅱ-Ⅲ
VD=12V; RL= 30Ω
50
mA
IH
Holding current
IGT= 0.5A, Gate Open
50
mA
VGT
Gate trigger voltage
-Ⅱ-Ⅲ
VD=12V; RL= 30Ω
1.3
V
VTM
On-state voltage
IT= 17A; tp= 380μs
1.55
V


Numéro de pièce similaire - BTA12-600BW

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BTA12-600BW STMICROELECTRONICS-BTA12-600BW Datasheet
116Kb / 7P
   12A TRIACS
BTA12-600BW STMICROELECTRONICS-BTA12-600BW Datasheet
140Kb / 12P
   Medium current triac
September 2007 Rev 9
logo
Kersemi Electronic Co.,...
BTA12-600BW KERSEMI-BTA12-600BW Datasheet
1,011Kb / 5P
   12A TRIACS
logo
HAOPIN MICROELECTRONICS...
BTA12-600BW HAOPIN-BTA12-600BW Datasheet
490Kb / 5P
   Blocking voltage to 600 V
logo
ON Semiconductor
BTA12-600BW3G ONSEMI-BTA12-600BW3G Datasheet
146Kb / 6P
   Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
More results

Description similaire - BTA12-600BW

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
BTA12-600CW ISC-BTA12-600CW Datasheet
107Kb / 1P
   With TO-220AB insulated package
BTA08-600A ISC-BTA08-600A Datasheet
116Kb / 1P
   With TO-220AB insulated package
BTA08-600TW ISC-BTA08-600TW Datasheet
107Kb / 1P
   With TO-220AB insulated package
BTA06-600C ISC-BTA06-600C Datasheet
116Kb / 1P
   With TO-220AB insulated package
BTA10-600CW ISC-BTA10-600CW Datasheet
107Kb / 1P
   With TO-220AB insulated package
BTA12-600SW ISC-BTA12-600SW Datasheet
107Kb / 1P
   With TO-220AB insulated package
BTA12-600TW ISC-BTA12-600TW Datasheet
107Kb / 1P
   With TO-220AB insulated package
BTA16-600BW ISC-BTA16-600BW Datasheet
107Kb / 1P
   With TO-220AB insulated package
BTA16-600C ISC-BTA16-600C Datasheet
107Kb / 1P
   With TO-220AB insulated package
BTA20-600CW ISC-BTA20-600CW Datasheet
106Kb / 1P
   With TO-220AB insulated package
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com