Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC846S Fiches technique(PDF) 2 Page - Diotec Semiconductor

No de pièce BC846S
Description  SMD General Purpose Dual NPN Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIOTEC [Diotec Semiconductor]
Site Internet  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BC846S Fiches technique(HTML) 2 Page - Diotec Semiconductor

  BC846S Datasheet HTML 1Page - Diotec Semiconductor BC846S Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BC846S ... BC849S
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
per transistor – pro Transistor
Min.
Typ.
Max.
Collector-Base cutoff current – Kollektor-Basis-Reststrom
VCB = 30 V, (E open)
ICBO
15 nA
Emitter-Base cutoff current – Emitter-Basis-Reststrom
VEB = 5 V, (C open)
IEBO
100 nA
Gain-Bandwidth Product – Transitfrequenz
VCE = 5 V, IC = 10 mA, f = 100 MHz
fT
100 MHz
Collector-Base Capacitance – Kollektor-Basis-Kapazität
VCB = 10 V, IE =ie = 0, f = 1 MHz
CCBO
4.5 pF
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 420 K/W 1)
Recommended complementary PNP transistors
Empfohlene komplementäre PNP-Transistoren
BC856S ... BC859S
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG
[%]
P
tot
120
100
80
60
40
20
0
[°C]
T
A
150
100
50
0
Power dissipation versus ambient temperature )
Verlustleistung in Abh. von d. Umgebungstemp. )
1
1


Numéro de pièce similaire - BC846S

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BC846S PHILIPS-BC846S Datasheet
50Kb / 8P
   NPN general purpose double transistor
1999 Sep 01
logo
Diotec Semiconductor
BC846S DIOTEC-BC846S Datasheet
171Kb / 2P
   SMD General Purpose NPN Transistors
logo
Siemens Semiconductor G...
BC846S SIEMENS-BC846S Datasheet
40Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
logo
Micro Commercial Compon...
BC846S MCC-BC846S Datasheet
372Kb / 4P
   Dual NPN Small Signal Transistor 200mW
logo
Infineon Technologies A...
BC846S INFINEON-BC846S Datasheet
58Kb / 6P
   NPN Silicon AF Transistor Array
Nov-29-2001
More results

Description similaire - BC846S

FabricantNo de pièceFiches techniqueDescription
logo
Diotec Semiconductor
MMBT5551 DIOTEC-MMBT5551_18 Datasheet
143Kb / 2P
   SMD General Purpose NPN Transistors
BC846S DIOTEC-BC846S_17 Datasheet
171Kb / 2P
   SMD General Purpose NPN Transistors
BC817 DIOTEC-BC817_17 Datasheet
153Kb / 2P
   SMD General Purpose NPN Transistors
BC846S DIOTEC-BC846S_1 Datasheet
159Kb / 2P
   SMD General Purpose NPN Transistors
BC846BP DIOTEC-BC846BP_18 Datasheet
130Kb / 2P
   SMD General Purpose NPN Transistors
BC846 DIOTEC-BC846_17 Datasheet
144Kb / 2P
   SMD General Purpose NPN Transistors
BC817W DIOTEC-BC817W_18 Datasheet
151Kb / 2P
   SMD General Purpose NPN Transistors
BC846W DIOTEC-BC846W_18 Datasheet
130Kb / 2P
   SMD General Purpose NPN Transistors
MMBT2222A DIOTEC-MMBT2222A_1 Datasheet
144Kb / 2P
   SMD General Purpose NPN Transistors
MMBT4401 DIOTEC-MMBT4401_17 Datasheet
143Kb / 2P
   SMD General Purpose NPN Transistors
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com