Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD101BWS Fiches technique(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

No de pièce SD101BWS
Description  SCHOTTKY BARRIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Site Internet  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

SD101BWS Fiches technique(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  SD101BWS Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd SD101BWS Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd SD101BWS Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd SD101BWS Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOD-323 Plastic-Encapsulate Diodes
SD101BWS
SCHOTTKY BARRIER DIODE
FEATURES
Low Forward Voltage Drop
Guard Ring Construction for Transient Protection
Negligible Reverse Recovery Time
Low Capacitance
Ultra-small Surface Mount Package
MARKING: S2
MAXIMUM RATINGS ( Ta=25unless otherwise noted )
Symbol
Parameter
Value
Unit
VRRM
Peak Repetitive Reverse Voltage
VRWM
Working Peak Reverse Voltage
VR
DC Blocking Voltage
50
V
VR(RMS)
RMS Reverse Voltage
35
V
IFM
Forward Continuous Current
15
mA
IFSM
Non-repetitive Peak Forward Surge Current @t=
8.3ms
2
A
PD
Power Dissipation
200
mW
RΘJA
Thermal Resistance from Junction to Ambient
500
℃/W
Tj
Junction Temperature
125
Tstg
Storage Temperature
-55~+150
ELECTRICAL CHARACTERISTICS(Ta=25unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Reverse voltage
V(BR)
IR=10μA
50
V
Reverse current
IR
VR=40V
0.2
μA
IF=1mA
0.40
Forward voltage
VF
IF=15mA
0.95
V
Total capacitance
Ctot
VR=0V,f=1MHz
2.1
pF
Reverse recovery time
trr
IF= IR=5mA, Irr=0.1×IR, RL=100Ω
1
ns
SOD-323
www.cj-elec.com
1
D,Mar,2015
The marking bar indicates the cathode
Solid dot = Green molding compound device,if none,
the normal device.


Numéro de pièce similaire - SD101BWS

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
SD101BWS DIODES-SD101BWS Datasheet
60Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30078 Rev. 4 - 2
logo
Weitron Technology
SD101BWS WEITRON-SD101BWS Datasheet
226Kb / 3P
   Surface Mount Schottky Barrier Diodes
logo
SUNMATE electronic Co.,...
SD101BWS SUNMATE-SD101BWS Datasheet
951Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SD101BWS WTE-SD101BWS Datasheet
46Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SeCoS Halbleitertechnol...
SD101BWS SECOS-SD101BWS Datasheet
1Mb / 2P
   0.015AMP Surface Mount Schottky Barrier Rectifiers
More results

Description similaire - SD101BWS

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com