Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MRA4003T3 Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MRA4003T3
Description  Surface Mount Standard Recovery Power Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MRA4003T3 Fiches technique(HTML) 1 Page - ON Semiconductor

  MRA4003T3 Datasheet HTML 1Page - ON Semiconductor MRA4003T3 Datasheet HTML 2Page - ON Semiconductor MRA4003T3 Datasheet HTML 3Page - ON Semiconductor MRA4003T3 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2004
July, 2004 − Rev. 3
1
Publication Order Number:
MRA4003T3/D
MRA4003T3 Series
Surface Mount Standard
Recovery Power Rectifier
SMA Power Surface Mount Package
Features construction with glass passivation. Ideally suited for
surface mounted Automotive application.
Compact Package with J−Bend Leads Ideal for Automated Handling
Stable, High Temperature, Glass Passivated Junction
Mechanical Characteristics
Case: Molded Epoxy
Epoxy meets UL 94 V−0 @ 0.125 in
Weight: 70 mg (Approximately)
Finish: All External Surfaces are Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 seconds in Solder Bath
Polarity: Band in Plastic Body Indicates Cathode Lead
Marking: MRA4003T3 = R13
Marking MRA4004T3 = R14
MRA4005T1 = R15
Marking: MRA4005T3 = R15
Marking: MRA4006T3 = R16
Marking: MRA4007T3 = R17
ORDERING INFORMATION
Device
Package
Shipping†
MRA4003T3
SMA
5000/Tape & Reel
MRA4003T3G
SMA
(Pb−Free)
5000/Tape & Reel
MRA4004T3
SMA
5000/Tape & Reel
MRA4004T3G
SMA
(Pb−Free)
5000/Tape & Reel
MRA4005T1
SMA
1500/Tape & Reel
MRA4005T3
SMA
5000/Tape & Reel
MRA4006T3
SMA
5000/Tape & Reel
MRA4007T3
SMA
5000/Tape & Reel
MRA4007T3G
SMA
(Pb−Free)
5000/Tape & Reel
†For information on tape and reel specifications, including part orientation and
tape sizes, please refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
MAXIMUM RATINGS
Please See the Table on the Following Page
STANDARD RECOVERY
RECTIFIERS
1.0 AMPERES
300−1000 VOLTS
CASE 403D
SMA
PLASTIC
MARKING DIAGRAM
R1x
ALYW
G
http://onsemi.com
R1x = Specific Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package


Html Pages

1  2  3  4