Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10319 Fiches technique(PDF) 3 Page - Motorola, Inc

No de pièce MC10319
Description  High Speed8-Bit Analog-to-Digital Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC10319 Fiches technique(HTML) 3 Page - Motorola, Inc

  MC10319 Datasheet HTML 1Page - Motorola, Inc MC10319 Datasheet HTML 2Page - Motorola, Inc MC10319 Datasheet HTML 3Page - Motorola, Inc MC10319 Datasheet HTML 4Page - Motorola, Inc MC10319 Datasheet HTML 5Page - Motorola, Inc MC10319 Datasheet HTML 6Page - Motorola, Inc MC10319 Datasheet HTML 7Page - Motorola, Inc MC10319 Datasheet HTML 8Page - Motorola, Inc MC10319 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MC10319
3
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS – continued
(0
° t TA t 70°C, VCC = 5.0 V, VEE = – 5.2 V, VRT = +1.0 V, VRB = – 1.0 V, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
ANALOG INPUTS (Pin 14)
Input Current @ Vin = VRB (See Figure 5)
IINL
– 100
0
µA
Input Current @ Vin = VRT (See Figure 5)
IINH
60
150
µA
Input Capacitance (VRT – VRB = 2.0 V, See Figure 4)
Cin
36
pF
Input Capacitance (VRT – VRB = 1.0 V, See Figure 4)
Cin
55
pF
Bipolar Offset Error
VOS
0.1
LSB
REFERENCE
Ladder Resistance (VRT to VRB, TA = 25°C)
Rref
104
130
156
Temperature Coefficient
TC
+ 0.29
%/
°C
Ladder Capacitance (Pin 1 open)
Cref
25
pF
ENABLE INPUTS (VCC = 5.5 V) (See Figure 6)
Input Voltage – High (Pins 19 to 20)
VIHE
2.0
V
Input Voltage – Low (Pins 19 to 20)
VILE
0.8
V
Input Current @ 2.7 V
IIHE
0
20
µA
Input Current @ 0.4 V @ EN (0
t EN t 5.0 V)
IIL1
– 400
– 100
µA
Input Current @ 0.4 V @ EN (EN = 0 V)
IIL2
– 400
– 100
µA
Input Current @ 0.4 V @ EN (EN = 2.0 V)
IIL3
– 20
– 2.0
µA
Input Clamp Voltage (IIK = – 18 mA)
VIKE
– 1.5
– 1.3
V
CLOCK INPUTS (VCC = 5.5 V)
Input Voltage High
VIHC
2.0
Vdc
Input Voltage Low
VILC
0.8
Vdc
Input Current @ 0.4 V (See Figure 7)
IILC
– 400
– 80
µA
Input Current @ 2.7 V (See Figure 7)
IIHC
– 100
– 20
µA
Input Clamp Voltage (IIK = – 18 mA)
VIKC
– 1.5
– 1.3
Vdc
DIGITAL OUTPUTS
High Output Voltage (IOH = – 400 µA, VCC = 4.5 V, See Figure 8)
VOH
2.4
3.0
V
Low Output Voltage (IOL = 4.0 mA, See Figure 9)
VOL
0.35
0.4
V
Output Short Circuit Current* (VCC = 5.5 V)
ISC
35
mA
Output Leakage Current (0.4
t VO t 2.4 V, See Figure 3,
ILK
µA
VCC = 5.5 V, D0 to D7 in 3–State Mode)
– 50
+ 50
Output Capacitance (D0 to D7 in 3–State Mode)
Cout
9.0
pF
*Only one output is to be shorted at a time, not to exceed 1 second.
POWER SUPPLIES
VCC(A) Current (4.5 V t VCC(A) t 5.5 V) (Outputs unloaded)
ICC(A)
10
17
25
mA
VCC(D) Current (4.5 V t VCC(D) t 5.5 V) (Outputs unloaded)
ICC(D)
50
90
133
mA
VEE Current (– 6.0 t VEE t – 3.0 V)
IEE
– 14
– 10
– 6.0
mA
Power Dissipation (VRT – VRB = 2.0 V) (Outputs unloaded)
PD
618
995
mW


Numéro de pièce similaire - MC10319

FabricantNo de pièceFiches techniqueDescription
logo
Ohmite Mfg. Co.
MC103 OHMITE-MC103 Datasheet
363Kb / 2P
   Low voltage coefficient
MC103 OHMITE-MC103 Datasheet
363Kb / 2P
   High Voltage/High Resistance Precision Thick Film Surface Mount
logo
GUANGDONG MISUN TECHNOL...
MC1030 FPE-MC1030 Datasheet
254Kb / 3P
   COMPOSITE FORMING SMDINDUCTORS
MC1030-100M1 FPE-MC1030-100M1 Datasheet
254Kb / 3P
   COMPOSITE FORMING SMDINDUCTORS
MC1030-150M1 FPE-MC1030-150M1 Datasheet
254Kb / 3P
   COMPOSITE FORMING SMDINDUCTORS
More results

Description similaire - MC10319

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
TL5602 TI1-TL5602_08 Datasheet
106Kb / 6P
[Old version datasheet]   8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
logo
Texas Instruments
ADS1212 TI1-ADS1212_14 Datasheet
1Mb / 51P
[Old version datasheet]   22-Bit ANALOG-TO-DIGITAL CONVERTER
TLC5502-5M TI1-TLC5502-5M Datasheet
92Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTER
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com