Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMP1340-099 Fiches technique(PDF) 3 Page - Skyworks Solutions Inc.

No de pièce SMP1340-099
Description  PIN Diode Chips Supplied on Film Frame
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SKYWORKS [Skyworks Solutions Inc.]
Site Internet  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMP1340-099 Fiches technique(HTML) 3 Page - Skyworks Solutions Inc.

  SMP1340-099 Datasheet HTML 1Page - Skyworks Solutions Inc. SMP1340-099 Datasheet HTML 2Page - Skyworks Solutions Inc. SMP1340-099 Datasheet HTML 3Page - Skyworks Solutions Inc. SMP1340-099 Datasheet HTML 4Page - Skyworks Solutions Inc. SMP1340-099 Datasheet HTML 5Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DATA SHEET
• PIN DIODE CHIPS SUPPLIED ON FILM FRAME
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200140L • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • January 5, 2016
3
Table 3. PIN Diode Chip Dimensions
Part Number
Quantity of Good Diodes Per Wafer
Chip Size
(In)
Chip Height
(In)
Anode Contact
(In)
Minimum
Nominal
SMP1320-099
40000
46000
0.0135 ± 0.001
0.005 ± 0.001
0.0030 ± 0.0003
SMP1321-099
40000
46000
0.0135 ± 0.001
0.005 ± 0.001
0.0030 ± 0.0003
SMP1322-099
40000
46000
0.0135 ± 0.001
0.005 ± 0.001
0.0075 ± 0.0005
SMP1331-099
40000
46000
0.0135 ± 0.001
0.005 ± 0.001
0.0075 ± 0.0005
SMP1340-099
65000
72000
0.0105 ± 0.001
0.005 ± 0.001
0.0029 ± 0.0003
SMP1353-099
65000
72000
0.0105 ± 0.001
0.005 ± 0.001
0.0070 ± 0.0005
SMP1302-099
40000
46000
0.0135 ± 0.001
0.005 ± 0.001
0.0085 ± 0.0005
SMP1304-099
40000
46000
0.0135 ± 0.001
0.009 ± 0.001
0.0085 ± 0.0005
SMP1307-099
20000
25000
0.0185 ± 0.001
0.009 ± 0.001
0.0110 ± 0.0005
Typical Performance Characteristics
(TOP = 25 °C)
0.1
1
10
100
1000
0.01
0.1
1
10
100
Forward Current (mA)
SMP1340
SMP1320
SMP1322
SMP1321
SMP1331
SMP1353
Figure 1. Series Resistance vs Forward Current @ 100 MHz
0.01
0.1
1
10
100
Forward Current (mA)
0.1
1
10
100
1000
10000
SMP1302
SMP1304
SMP1307
Figure 3. Series Resistance vs Forward Current @ 100 MHz
0
0.2
0.4
0.6
0.8
1.0
1.2
0
5
10
15
20
25
30
Reverse Voltage (V)
SMP1320
SMP1321
SMP1322
SMP1331
SMP1340
SMP1353
Figure 2. Capacitance vs Reverse Voltage
Reverse Voltage (V)
0
5
10
15
20
25
30
0
0.6
0.5
0.4
0.3
0.2
0.1
SMP1302
SMP1304
SMP1307
Figure 4. Capacitance vs Reverse Voltage


Numéro de pièce similaire - SMP1340-099

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SMP1340-099 SKYWORKS-SMP1340-099 Datasheet
243Kb / 5P
   PIN Diode Chips Supplied on Film Frame
More results

Description similaire - SMP1340-099

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SMP1320-099 SKYWORKS-SMP1320-099 Datasheet
243Kb / 5P
   PIN Diode Chips Supplied on Film Frame
SMS3926-099 SKYWORKS-SMS3926-099 Datasheet
259Kb / 5P
   Schottky Diode Quad Mixer Chips Supplied on Film Frame
logo
Tyco Electronics
MA4P150 MACOM-MA4P150 Datasheet
506Kb / 5P
   PIN Diode Chips
logo
Skyworks Solutions Inc.
APD0505-000 SKYWORKS-APD0505-000 Datasheet
138Kb / 4P
   Silicon PIN Diode Chips
logo
M/A-COM Technology Solu...
MA4GP022-277 MA-COM-MA4GP022-277 Datasheet
338Kb / 6P
   GaAs PIN Diode Chips
logo
Tyco Electronics
MA4BPS101 MACOM-MA4BPS101 Datasheet
83Kb / 4P
   PIN Diode Chips with Offset Bond Pads
logo
NIC-Components Corp.
NSWCHIGHERVOLTAGE NIC-NSWCHIGHERVOLTAGE Datasheet
104Kb / 2P
   Stacked Film Capacitor Chips
NSWCHV NIC-NSWCHV Datasheet
104Kb / 2P
   Stacked Film Capacitor Chips
NSHC NIC-NSHC Datasheet
103Kb / 6P
   Stacked Film Capacitor Chips
logo
M/A-COM Technology Solu...
PINDIODESCHIPS MA-COM-PINDIODESCHIPS_15 Datasheet
383Kb / 7P
   Silicon PIN Chips
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com