Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMP1320-075LF Fiches technique(PDF) 3 Page - Skyworks Solutions Inc.

No de pièce SMP1320-075LF
Description  Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SKYWORKS [Skyworks Solutions Inc.]
Site Internet  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMP1320-075LF Fiches technique(HTML) 3 Page - Skyworks Solutions Inc.

  SMP1320-075LF Datasheet HTML 1Page - Skyworks Solutions Inc. SMP1320-075LF Datasheet HTML 2Page - Skyworks Solutions Inc. SMP1320-075LF Datasheet HTML 3Page - Skyworks Solutions Inc. SMP1320-075LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMP1320-075LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMP1320-075LF Datasheet HTML 6Page - Skyworks Solutions Inc. SMP1320-075LF Datasheet HTML 7Page - Skyworks Solutions Inc. SMP1320-075LF Datasheet HTML 8Page - Skyworks Solutions Inc. SMP1320-075LF Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DATA SHEET • SMP1320 SERIES DIODES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200047Q • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 7, 2015
3
Table 2. SMP1320 Series Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Minimum
Maximum
Units
Reverse voltage
VR
50
V
Power dissipation @ 25
°C lead temperature
PD
250
mW
Storage temperature
TSTG
–65
+150
C
Operating temperature
TA
–65
+150
C
Electrostatic discharge:
Charged Device Model (CDM), Class 4
Human Body Model (HBM), Class 2
Machine Model (MM), Class B
ESD
1000
2000
200
V
V
V
Note 1: Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other
parameters set at or below their nominal value. Exceeding any of the limits listed here may result in permanent damage to the device.
CAUTION: Although this device is designed to be as robust as possible, electrostatic discharge (ESD) can damage this device. This device
must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body
or equipment, which can discharge without detection. Industry-standard ESD precautions should be used at all times.
Table 3. SMP1320 Series Electrical Specifications (Note 1)
(TA = +25 C, Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
Reverse current
IR
VR = 50 V
10
μA
Capacitance (Note 2)
CT
F = 1 MHz, V = 30 V
0.23
0.30
pF
Resistance
RS
F = 100 MHz
I = 1 mA
I = 10 mA
2.00
0.75
0.90
Ω
Ω
Forward voltage
VF
IF = 10 mA
0.85
V
Carrier lifetime
TI
IF = 10 mA
0.4
μs
I region width
8
μm
Note 1: Performance is guaranteed only under the conditions listed in this table.
Note 2: CT @ 30 V is 0.45 pF maximum for the SMP1320-077LF.
Table 4. Resistance vs Temperature @ 500 MHz
IF
(mA)
RS @ –55
°C
(
Ω)
RS @ –15
°C
(
Ω)
RS @ +25
°C
(
Ω)
RS @ +65
°C
(
Ω)
RS @ +100
°C
(
Ω)
0.02
29.6
29.2
30.8
32.0
32.7
0.10
7.2
7.7
8.3
8.8
8.8
0.3
3.4
3.6
3.8
4.0
4.1
0.5
2.5
2.7
2.8
2.9
3.0
1.0
1.7
1.8
1.9
2.0
1.9
10
0.84
0.85
0.76
0.76
0.67
20
0.73
0.73
0.64
0.64
0.56
100
0.59
0.57
0.47
0.48
0.40


Numéro de pièce similaire - SMP1320-075LF

FabricantNo de pièceFiches techniqueDescription
logo
Alpha Industries
SMP1320-075 ALPHA-SMP1320-075 Datasheet
483Kb / 3P
   Low Resistance Low Capacitance Plastic Packaged PIN Diodes
More results

Description similaire - SMP1320-075LF

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SMP1320 SKYWORKS-SMP1320 Datasheet
393Kb / 5P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
logo
Alpha Industries
SOT-23-1 ALPHA-SOT-23-1 Datasheet
483Kb / 3P
   Low Resistance Low Capacitance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1322 SKYWORKS-SMP1322 Datasheet
376Kb / 6P
   Low Resistance, Plastic Packaged PIN Diodes
SMP1322 SKYWORKS-SMP1322_15 Datasheet
879Kb / 9P
   Low Resistance, Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1322 ALPHA-SMP1322 Datasheet
493Kb / 4P
   Low Resistance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMPA1320-079LF SKYWORKS-SMPA1320-079LF Datasheet
570Kb / 5P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diode
SMP1331 SKYWORKS-SMP1331 Datasheet
668Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321_15 Datasheet
776Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321 Datasheet
109Kb / 6P
   Low Capacitance Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1321 ALPHA-SMP1321 Datasheet
482Kb / 3P
   Low Capacitance Plastic Packaged PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com