Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LT3466 Fiches technique(PDF) 17 Page - Linear Technology

No de pièce LT3466
Description  Dual Full Function White LED Step-Up Converter with Built-In Schottky Diodes
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LT3466 Fiches technique(HTML) 17 Page - Linear Technology

Back Button LT3466 Datasheet HTML 12Page - Linear Technology LT3466 Datasheet HTML 13Page - Linear Technology LT3466 Datasheet HTML 14Page - Linear Technology LT3466 Datasheet HTML 15Page - Linear Technology LT3466 Datasheet HTML 16Page - Linear Technology LT3466 Datasheet HTML 17Page - Linear Technology LT3466 Datasheet HTML 18Page - Linear Technology LT3466 Datasheet HTML 19Page - Linear Technology LT3466 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
LT3466
3466f
TYPICAL APPLICATIO S
Li-Ion to 10/10 White LEDs
Conversion Efficiency
2 AA Cells to 2/2 White LEDs
Conversion Efficiency
CTRL1
CTRL2
RT
SW1
SW2
VIN
3V TO 5V
L2
68
µH
CIN
1
µF
COUT1
1
µF
COUT2
1
µF
147k
1%
L1
68
µH
LT3466
CIN: TAIYO YUDEN JMK107BJ105
COUT1, COUT2: TAIYO YUDEN UMK325BJ105
L1, L2: TOKO A920CY-680M
VOUT1
FB1
RFB1
16.5
RFB2
16.5
3466 TA07a
VOUT2
FB2
CTRL1
CTRL2
RT
SW1
SW2
VIN
3.3V
L2
15
µH
CIN1
0.1
µF
CIN2
1
µF
COUT1
1
µF
COUT2
1
µF
L1
15
µH
VCC
1.8V TO 3V
LT3466
CIN1: TAIYO YUDEN EMK107BJ104
CIN2: TAIYO YUDEN JMK107BJ105
COUT1, COUT2: TAIYO YUDEN GMK316BJ105
L1, L2: MURATA LQH32CN150
VOUT1
FB1
RFB2
10
63.4k
1%
RFB1
10
3466 TA08a
VOUT2
FB2
LED CURRENT (mA)
0
70
75
85
90
12
3466 TA07b
65
60
48
80
VIN = 3.6V
10/10 LEDs
LED CURRENT (mA)
0
70
75
15
3466 TA08b
65
60
510
20
55
50
VIN = 2.4V
2/2 LEDs


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
LT3465AES6 1.2MHz/2.4MHz White LED Step-Up Converters with Built-In Schottky in ThinSOT 1  2  3  4  5  More Linear Technology
AIC1648 Built-in OVP White LED Step-Up Converter 1  2  3  4  5  More Analog Intergrations Corporation
LM2793 Low Noise White LED Constant Current Supply with Dual Function Brightness Control 1  2  3  4  5  More National Semiconductor (TI)
LT3486 Dual 1.3A White LED Step-Up Converters with Wide Dimming 1  2  3  4  5  More Linear Technology
MAX1582 High-Efficiency 26V Step-Up Converter for White LED Main and Subdisplay Backlighting 1  2  3  4  5  More Maxim Integrated Products
AIC1647 WHITE LED STEP-UP CONVERTER IN SOT23 1  2  3  4  5  More Analog Intergrations Corporation
ISL97631 White LED Boost Regulator With Integrated Schottky Diode 1  2  3  4  5  More Intersil Corporation
NCP1417 200 mA DC-DC Step-up Converter with Dual Low Battery Protection 1  2  3  4  5  More ON Semiconductor
MX841 White LED Step-Up Converter 1  2  3  4  5  More IXYS Corporation
G5121 Fixed Frequency White LED Step-Up Converter 1  2  3  4  5  More Global Mixed-mode Technology Inc