Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS70328TS-10T Fiches technique(PDF) 9 Page - GSI Technology

No de pièce GS70328TS-10T
Description  32K x 8 256Kb Asynchronous SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GSI [GSI Technology]
Site Internet  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS70328TS-10T Fiches technique(HTML) 9 Page - GSI Technology

Back Button GS70328TS-10T Datasheet HTML 3Page - GSI Technology GS70328TS-10T Datasheet HTML 4Page - GSI Technology GS70328TS-10T Datasheet HTML 5Page - GSI Technology GS70328TS-10T Datasheet HTML 6Page - GSI Technology GS70328TS-10T Datasheet HTML 7Page - GSI Technology GS70328TS-10T Datasheet HTML 8Page - GSI Technology GS70328TS-10T Datasheet HTML 9Page - GSI Technology GS70328TS-10T Datasheet HTML 10Page - GSI Technology GS70328TS-10T Datasheet HTML 11Page - GSI Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
GS70328SJ/TS
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.11 11/2004
9/11
© 1999, GSI Technology
28-Pin TSOP-I, 8 mm x 13.4 mm
1
e
B1
D
y
Q
c
L
Detail A
A
B
1
28
e
B
Θ
A
y
c
Detail A
E
L1
Notes:
1. Dimension D& E do not include interlead flash
2. Dimension B1 does not include dambar protrusion/intrusion
3. Controlling dimension: inches
4. Profile tolerance zones for D and E do not include mold
protrusion. Allowable mold protrusion on E is 0.15 mm per side
and on D is 0.25 mm per side.
Symbol
Dimension in inch
Dimension in mm
min
nom
max
min
nom
max
A
0.047
1.20
A1
0.002
0.006
0.05
0.15
A2
0.035 0.040 0.041
0.90
1.00
1.05
B
0.007 0.008
0.011
0.17
0.20
0.27
D
0.465
11.8
HD
.528
13.4
c
0.004 0.006 0.008
0.10
0.15
0.21
E
0.315
8.00
e
0.022
0.55
L
0.020 0.024 0.028
0.50
0.60
0.70
L1
0.024 0.032 0.040
0.60
0.80
1.00
y
0.003
0.08
Θ
0o
5o
0o
5o


Numéro de pièce similaire - GS70328TS-10T

FabricantNo de pièceFiches techniqueDescription
logo
Gennum Corporation
GS7032 GENNUM-GS7032 Datasheet
184Kb / 9P
   Digital Video Serializer
GS7032-CVM GENNUM-GS7032-CVM Datasheet
184Kb / 9P
   Digital Video Serializer
GS7032-CVME3 GENNUM-GS7032-CVME3 Datasheet
184Kb / 9P
   Digital Video Serializer
More results

Description similaire - GS70328TS-10T

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M68AF031A STMICROELECTRONICS-M68AF031A Datasheet
383Kb / 22P
   256 Kbit (32K x 8) 5.0V Asynchronous SRAM
logo
List of Unclassifed Man...
U62256 ETC-U62256 Datasheet
78Kb / 9P
   STANDARD 32K X 8 SRAM
logo
Zentrum Mikroelektronik...
U62256A ZMD-U62256A Datasheet
164Kb / 10P
   STANDARD 32K X 8 SRAM
logo
Austin Semiconductor
MT5C2568 AUSTIN-MT5C2568 Datasheet
149Kb / 16P
   32K x 8 SRAM SRAM MEMORY ARRAY
AS5C2568 AUSTIN-AS5C2568 Datasheet
145Kb / 9P
   32K x 8 SRAM SRAM MEMORY ARRAY
AS5C2568DJ AUSTIN-AS5C2568DJ Datasheet
267Kb / 9P
   32K x 8 SRAM SRAM MEMORY ARRAY
logo
GSI Technology
GS78108B GSI-GS78108B Datasheet
210Kb / 10P
   1M x 8 8Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS72108ATP ETC1-GS72108ATP Datasheet
317Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
logo
GSI Technology
GS71108TP GSI-GS71108TP Datasheet
271Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71108ATP ETC2-GS71108ATP_06 Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com