Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST-35 Fiches technique(PDF) 4 Page - Teccor Electronics

No de pièce ST-35
Description  Bilateral Trigger Diacs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TECCOR [Teccor Electronics]
Site Internet  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

ST-35 Fiches technique(HTML) 4 Page - Teccor Electronics

  ST-35 Datasheet HTML 1Page - Teccor Electronics ST-35 Datasheet HTML 2Page - Teccor Electronics ST-35 Datasheet HTML 3Page - Teccor Electronics ST-35 Datasheet HTML 4Page - Teccor Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Bilateral Trigger Diacs
Thyristor Product Catalog
http://www.teccor.com
Teccor Electronics
8 - 4
+1 972-580-7777
Figure 8.5
Circuit Used to Measure Diac Characteristics
(See Figure 8.4.)
Figure 8.6
Peak Output Current vs Triggering Capacitance
Figure 8.7
V-I Characteristics
120V RMS
60 Hz
47 k
D.U.T.
RL
20
1%
VC
100 k
*
CT
IL
O.1
µF
*Adjust for one firing in each half cycle. D.U.T. = Diac
Triggering Capacitance (CT) - µF
.01
.02
.03
.04
.05
.06
.07
.08
.09
0
50
100
150
200
250
300
Per Figure 8.5 with
RL of 20Ω
TYPICAL
(35
V
DEVICE)
.10
10mA
Breakover
Current
IBO
-VBO
Voltage
Current
Breakover
Voltage
VBO
+VBO
V


Numéro de pièce similaire - ST-35

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ST-351A TI1-ST-351A Datasheet
399Kb / 25P
[Old version datasheet]   High-Performance Linear/Interface Products
ST-351A TI-ST-351A Datasheet
2Mb / 29P
[Old version datasheet]   The following sections describe the function of individual circuits.
ST-351B TI1-ST-351B Datasheet
399Kb / 25P
[Old version datasheet]   High-Performance Linear/Interface Products
ST-351B TI-ST-351B Datasheet
2Mb / 29P
[Old version datasheet]   The following sections describe the function of individual circuits.
More results

Description similaire - ST-35

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE6407 NTE-NTE6407 Datasheet
18Kb / 2P
   Bilateral Trigger Diodes (DIACS)
logo
EIC discrete Semiconduc...
D32P EIC-D32P_V01 Datasheet
51Kb / 1P
   BI-DIRECTIONAL TRIGGER DIACS
Rev. 03 : June 15, 2009
logo
New Jersey Semi-Conduct...
D32P NJSEMI-D32P Datasheet
82Kb / 1P
   BI-DIRECTIONAL TRIGGER DIACS
logo
EIC discrete Semiconduc...
D32 EIC-D32 Datasheet
112Kb / 1P
   BI-DIRECTIONAL TRIGGER DIACS
Rev. 01 : March 03, 2021
D32P EIC-D32P Datasheet
26Kb / 1P
   BI-DIRECTIONAL TRIGGER DIACS
SD32 EIC-SD32 Datasheet
57Kb / 1P
   SURFACE MOUNT DIACS - BI-DIRECTIONAL TRIGGER
Rev. 02 : March 25, 2005
logo
List of Unclassifed Man...
ECG6407 ETC-ECG6407 Datasheet
113Kb / 1P
   Bilateral Trigger Diodes / Bidirectiomal Diode Thyristors
logo
Diode Semiconductor Kor...
DB3 DSK-DB3 Datasheet
333Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
Galaxy Semi-Conductor H...
DB3M BILIN-DB3M Datasheet
76Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
SEMTECH ELECTRONICS LTD...
LSDB3 SEMTECH_ELEC-LSDB3 Datasheet
168Kb / 1P
   SILICON BIDIRECTIONAL DIACS
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com