Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM25640-S Fiches technique(PDF) 4 Page - Ramtron International Corporation

No de pièce FM25640-S
Description  64Kb FRAM Serial Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RAMTRON [Ramtron International Corporation]
Site Internet  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25640-S Fiches technique(HTML) 4 Page - Ramtron International Corporation

  FM25640-S Datasheet HTML 1Page - Ramtron International Corporation FM25640-S Datasheet HTML 2Page - Ramtron International Corporation FM25640-S Datasheet HTML 3Page - Ramtron International Corporation FM25640-S Datasheet HTML 4Page - Ramtron International Corporation FM25640-S Datasheet HTML 5Page - Ramtron International Corporation FM25640-S Datasheet HTML 6Page - Ramtron International Corporation FM25640-S Datasheet HTML 7Page - Ramtron International Corporation FM25640-S Datasheet HTML 8Page - Ramtron International Corporation FM25640-S Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
FM25640
Rev. 2.1
Aug 2003
4 of 14
SPI
Microcontroller
FM25640
MOSI : Master Out Slave In
MISO : Master In Slave Out
SS : Slave Select
FM25640
Figure 2. System Configuration with SPI port
Microcontroller
P1.0
P1.1
P1.2
FM25640
Figure 3. System Configuration without SPI port
SPI Mode 0: CPOL=0, CPHA=0
0
1
2
3
4
5
6
7
SPI Mode 3: CPOL=1, CPHA=1
0
1
2
3
4
5
6
7
Figure 4. SPI Modes 0 & 3


Numéro de pièce similaire - FM25640-S

FabricantNo de pièceFiches techniqueDescription
logo
Ramtron International C...
FM25640-S RAMTRON-FM25640-S Datasheet
187Kb / 13P
   64Kb FRAM Serial Memory
More results

Description similaire - FM25640-S

FabricantNo de pièceFiches techniqueDescription
logo
Ramtron International C...
FM25640 RAMTRON-FM25640_05 Datasheet
187Kb / 13P
   64Kb FRAM Serial Memory
FM24C64 RAMTRON-FM24C64_05 Datasheet
98Kb / 12P
   64Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640_07 Datasheet
138Kb / 13P
   64Kb FRAM Serial Memory
FM25CL64 RAMTRON-FM25CL64 Datasheet
131Kb / 13P
   64Kb FRAM Serial 3V Memory
FM24CL64 RAMTRON-FM24CL64_07 Datasheet
115Kb / 13P
   64Kb Serial 3V FRAM Memory
FM25CL64 RAMTRON-FM25CL64_07 Datasheet
137Kb / 13P
   64Kb FRAM Serial 3V Memory
logo
List of Unclassifed Man...
FM24CL64 ETC-FM24CL64 Datasheet
96Kb / 13P
   64Kb 2.7V-3.6V FRAM Serial Memory
logo
Ramtron International C...
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
   64Kb Bytewide FRAM Memory
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM25C160 ETC1-FM25C160 Datasheet
154Kb / 14P
   16Kb FRAM Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com