Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADD155 Fiches technique(PDF) 1 Page - Astrodyne Corporation

No de pièce ADD155
Description  155W Dual Output with Battery Charging UPS Function
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ASTRODYNE [Astrodyne Corporation]
Site Internet  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ADD155 Fiches technique(HTML) 1 Page - Astrodyne Corporation

  ADD155 Datasheet HTML 1Page - Astrodyne Corporation ADD155 Datasheet HTML 2Page - Astrodyne Corporation ADD155 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ADD155 series
155W Dual Output with Battery Charging UPS Function
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
SPECIFICATION
MODEL
OUTPUT
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
SAFETY STANDARDS
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
BATTERY LOW
%
1
8
%
1
8
%
8
7
10V 0.8V
EN61000-4-2,3,4,5,6,8,11, EN55024, light industry level, criteria A
ADD155-A
ADD155-B
ADD155-C
13.8V
9.5A
152.75W
150mVp-p
1.0%
0.5%
1.0%
2.0%
2.0%
3.0%
5V
CH2
13.3V
CH3
5V
CH2
5V
CH2
27.1V
CH3
53.5V
CH3
27.6V
CH1
54V
CH1
A
3
A
3
A
5
.
0
A
3
A
2
.
0
A
5
.
0
A
3
.
2
A
5
.
4
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
W
9
.
9
4
1
W
5
7
.
2
5
1
p
-
p
V
m
0
0
1
p
-
p
V
m
0
0
1
-
-
-
-
-
-
-
-
p
-
p
V
m
0
0
1
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
p
-
p
V
m
0
4
2
p
-
p
V
m
0
0
2
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
1.0%
1.0%
1.0%
3.0%
1.0%
5.0%
0.5%
1.0%
1.0%
0.5%
2.0%
2.0%
ADD-155series
Note.2
Note.3
ENVIRONMENT
SAFETY &
EMC
PROTECTION
CH1
Optional DIN Rail Attachment - Page 3


Numéro de pièce similaire - ADD155

FabricantNo de pièceFiches techniqueDescription
logo
Ohmite Mfg. Co.
ADD1000RE OHMITE-ADD1000RE Datasheet
43Kb / 1P
   Epoxy Molded Precision Wirewound Axial Terminals
More results

Description similaire - ADD155

FabricantNo de pièceFiches techniqueDescription
logo
Astrodyne Corporation
AD155 ASTRODYNE-AD155 Datasheet
601Kb / 3P
   155W Single Output with Battery Charging UPS Function
logo
Mean Well Enterprises C...
ADD-155B MEANWELL-ADD-155B Datasheet
360Kb / 2P
   155W Dual Output with Battery Charger(UPS Function)
AD-155 MEANWELL-AD-155 Datasheet
429Kb / 2P
   155W Single Output with Battery Charger(UPS Function)
AD-155 MEANWELL-AD-155_11 Datasheet
357Kb / 2P
   155W SINGLE OUTPUT WITH BATTERY CHARGER(UPS FUNCTION)
ADD-155 MEANWELL-ADD-155 Datasheet
430Kb / 2P
   155W Dual Output with Battery Charger(USP Function)
logo
Astrodyne Corporation
AD55 ASTRODYNE-AD55 Datasheet
597Kb / 3P
   55W Single Output with Battery Charging UPS Function
AD-155 ASTRODYNE-AD-155 Datasheet
929Kb / 4P
   155W Single Output with Battery Charger (USP Function)
logo
Mean Well Enterprises C...
DRC-40 MEANWELL-DRC-40 Datasheet
267Kb / 5P
   40W Single Output with Battery Charger (UPS Function)
PSC-100 MEANWELL-PSC-100_V01 Datasheet
892Kb / 3P
   100W Single Output with Battery Charger(UPS Function)
2021-06-21
PSC-35 MEANWELL-PSC-35 Datasheet
663Kb / 4P
   35W Single Output with Battery Charger(UPS Function)
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com