Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDEP15D90T150NP-220MC-100 Fiches technique(PDF) 1 Page - Sumida Corporation

No de pièce CDEP15D90T150NP-220MC-100
Description  Low-Profile High Current Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUMIDA [Sumida Corporation]
Site Internet  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP15D90T150NP-220MC-100 Fiches technique(HTML) 1 Page - Sumida Corporation

  CDEP15D90T150NP-220MC-100 Datasheet HTML 1Page - Sumida Corporation CDEP15D90T150NP-220MC-100 Datasheet HTML 2Page - Sumida Corporation CDEP15D90T150NP-220MC-100 Datasheet HTML 3Page - Sumida Corporation CDEP15D90T150NP-220MC-100 Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Low-Profile High Current Power Inductor
CDEP15D90/T150
Note: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order.
Page 1 of 4
Ver.1.0 2016.03.14
www.sumida.com
Description
 Inductor for high withstand voltage (DC 120V) and large current
 Magnetically shielded
 Qualified AEC-Q200
 Operating temperature range: - 40°C~+150°C
(including coil’s self temperature rise)
Applications
 LED Head light for Automobile
 ECU
 Automotive and other high temperature, high reliability application
Dimension - [mm]
Reference Land pattern - [mm]
15.5±0.5
10.0 Max.
(12.0)
11.4
16.5


Numéro de pièce similaire - CDEP15D90T150NP-220MC-100

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
CDEP15D90T150NP-220MC-100 SUMIDA-CDEP15D90T150NP-220MC-100 Datasheet
595Kb / 6P
   Low-Profile High Current Power Inductor
More results

Description similaire - CDEP15D90T150NP-220MC-100

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
CDMC60D28T150 SUMIDA-CDMC60D28T150 Datasheet
339Kb / 4P
   Low-Profile High Current Power Inductor
CDEP15D90T150 SUMIDA-CDEP15D90T150 Datasheet
595Kb / 6P
   Low-Profile High Current Power Inductor
CDEP13D76T150 SUMIDA-CDEP13D76T150 Datasheet
475Kb / 6P
   Low-Profile High Current Power Inductor
logo
Vishay Siliconix
IHLW-4040CF-11 VISHAY-IHLW-4040CF-11 Datasheet
171Kb / 4P
   Low Profile, High Current Inductor
Revision: 21-Dec-17
IHLP-5050CE-01 VISHAY-IHLP-5050CE-01_06 Datasheet
166Kb / 5P
   Low Profile, High Current Inductor
Revision: 10-Aug-06
IHLP-2525CZ-01 VISHAY-IHLP-2525CZ-01_08 Datasheet
154Kb / 4P
   Low Profile, High Current Inductor
Revision: 10-Aug-06
IHLP2525CZERR20M01 VISHAY-IHLP2525CZERR20M01 Datasheet
134Kb / 4P
   Low Profile, High Current Inductor
Revision: 17-Feb-06
IHLP-5050CE-01 VISHAY-IHLP-5050CE-01 Datasheet
154Kb / 4P
   Low Profile, High Current Inductor
Revision 03-Nov-04
IHLP4040DZERR47M11 VISHAY-IHLP4040DZERR47M11 Datasheet
137Kb / 4P
   Low Profile, High Current Inductor
Revision: 04-Jan-08
IHLP-5050EZ-01 VISHAY-IHLP-5050EZ-01 Datasheet
133Kb / 4P
   Low Profile, High Current Inductor
Revision 03-Nov-04
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com