Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

V-106-1C25-T Fiches technique(PDF) 3 Page - Omron Electronics LLC

No de pièce V-106-1C25-T
Description  Miniature Basic Switch that Offers High Reliability and Security
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V-106-1C25-T Fiches technique(HTML) 3 Page - Omron Electronics LLC

  V-106-1C25-T Datasheet HTML 1Page - Omron Electronics LLC V-106-1C25-T Datasheet HTML 2Page - Omron Electronics LLC V-106-1C25-T Datasheet HTML 3Page - Omron Electronics LLC V-106-1C25-T Datasheet HTML 4Page - Omron Electronics LLC V-106-1C25-T Datasheet HTML 5Page - Omron Electronics LLC V-106-1C25-T Datasheet HTML 6Page - Omron Electronics LLC V-106-1C25-T Datasheet HTML 7Page - Omron Electronics LLC V-106-1C25-T Datasheet HTML 8Page - Omron Electronics LLC V-106-1C25-T Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
V
Miniature Basic Switch
V
Ratings
21A
16A
Actuator
Terminals
Contact form
Maximum operating force (OF)
Short hinge lever
Solder terminals
(A)
SPDT
3.92N
---
V-161-1A6
SPST-NC
---
V-161-2A6
SPST-NO
---
V-161-3A6
SPDT
1.96N
---
V-161-1A5
SPST-NC
---
V-161-2A5
SPST-NO
---
V-161-3A5
SPDT
0.98N
---
---
SPST-NC
---
---
SPST-NO
---
---
Quick-connect
terminals (#187)
(C2)
SPDT
3.92N
---
V-161-1C26
SPST-NC
---
V-161-2C26
SPST-NO
---
V-161-3C26
SPDT
1.96N
---
V-161-1C25
SPST-NC
---
V-161-2C25
SPST-NO
---
V-161-3C25
SPDT
0.98N
---
---
SPST-NC
---
---
SPST-NO
---
---
Quick-connect
terminals (#250)
(C)
SPDT
3.92N
V-211-1C6
V-161-1C6
SPST-NC
V-211-2C6
V-161-2C6
SPST-NO
V-211-3C6
V-161-3C6
SPDT
1.96N
---
V-161-1C5
SPST-NC
---
V-161-2C5
SPST-NO
---
V-161-3C5
SPDT
0.98N
---
---
SPST-NC
---
---
SPST-NO
---
---
Hinge lever
Solder terminals
(A)
SPDT
2.45N
---
V-162-1A6
SPST-NC
---
V-162-2A6
SPST-NO
---
V-162-3A6
SPDT
1.23N
---
V-162-1A5
SPST-NC
---
V-162-2A5
SPST-NO
---
V-162-3A5
SPDT
0.59N
---
---
SPST-NC
---
---
SPST-NO
---
---
Quick-connect
terminals (#187)
(C2)
SPDT
2.45N
---
V-162-1C26
SPST-NC
---
V-162-2C26
SPST-NO
---
V-162-3C26
SPDT
1.23N
---
V-162-1C25
SPST-NC
---
V-162-2C25
SPST-NO
---
V-162-3C25
SPDT
0.59N
---
---
SPST-NC
---
---
SPST-NO
---
---
Quick-connect
terminals (#250)
(C)
SPDT
2.45N
V-212-1C6
V-162-1C6
SPST-NC
V-212-2C6
V-162-2C6
SPST-NO
V-212-3C6
V-162-3C6
SPDT
1.23N
---
V-162-1C5
SPST-NC
---
V-162-2C5
SPST-NO
---
V-162-3C5
SPDT
0.59N
---
---
SPST-NC
---
---
SPST-NO
---
---
Refer to "Micro Switch Common Accessories" for Separators (sold separately), Actuators (sold separately) and Terminal
Connectors (sold separately).


Numéro de pièce similaire - V-106-1C25-T

FabricantNo de pièceFiches techniqueDescription
logo
Omron Electronics LLC
V-106-1A4-T OMRON-V-106-1A4-T Datasheet
1Mb / 16P
   Snap Action Switch
More results

Description similaire - V-106-1C25-T

FabricantNo de pièceFiches techniqueDescription
logo
Omron Electronics LLC
V-15G2-1C26-K OMRON-V-15G2-1C26-K Datasheet
1Mb / 16P
   Miniature Basic Switch that Offers High Reliability and Security
logo
List of Unclassifed Man...
MV-3 ETC-MV-3 Datasheet
4Mb / 12P
   Miniature Basic Switch
logo
Omron Electronics LLC
V-15-1A5 OMRON-V-15-1A5 Datasheet
256Kb / 16P
   Miniature Basic Switch
logo
List of Unclassifed Man...
V-102-1A4 ETC2-V-102-1A4 Datasheet
1Mb / 16P
   Miniature Basic Switch
logo
Omron Electronics LLC
D3V OMRON-D3V Datasheet
1Mb / 18P
   Miniature Basic Switch
D2MV OMRON-D2MV Datasheet
1Mb / 5P
   Miniature Basic Switch
logo
List of Unclassifed Man...
D2SW ETC-D2SW Datasheet
95Kb / 6P
   Watertight Miniature Basic Switch
logo
Omron Electronics LLC
E6C3 OMRON-E6C3 Datasheet
339Kb / 20P
   An Encoder That Offers Durability and Convenience
logo
Honeywell Solid State E...
V5B210CB1C HONEYWELL-V5B210CB1C Datasheet
133Kb / 5P
   V5 Series Miniature Basic Switch
logo
Omron Electronics LLC
D2FC-F-7N OMRON-D2FC-F-7N Datasheet
316Kb / 6P
   Ultra Sub Miniature Basic Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com