Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

4N35 Fiches technique(PDF) 2 Page - Inchange Semiconductor Company Limited

No de pièce 4N35
Description  Fast Switching Speed
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISC [Inchange Semiconductor Company Limited]
Site Internet  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

4N35 Fiches technique(HTML) 2 Page - Inchange Semiconductor Company Limited

  4N35 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 4N35 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
isc N-Channel MOSFET Transistor
4N35
·ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYPE
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0; ID= 250µA
350
V
VGS(th)
Gate Threshold Voltage
VDS= VGS; ID=1mA
2.0
4.0
V
VSD
Diode Forward On-Voltage
IS=4A ;VGS= 0
1.4
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V; ID=2A
2.0
Ω
IGSS
Gate-Body Leakage Current
VGS= ±30V;VDS= 0
±100
nA
IDSS
Zero Gate Voltage Drain Current
VDS= 350V; VGS= 0
10
µA
PDF pdfFactory Pro
www.fineprint.cn


Numéro de pièce similaire - 4N35

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
4N35 MOTOROLA-4N35 Datasheet
276Kb / 6P
   STANDARD THRU HOLE CASE 730A-04
logo
Everlight Electronics C...
4N35 EVERLIGHT-4N35 Datasheet
394Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
logo
ON Semiconductor
4N35 ONSEMI-4N35 Datasheet
545Kb / 10P
   6-Pin General Purpose Phototransistor Optocouplers
September, 2022 - Rev. P0
logo
Vishay Siliconix
4N35 VISHAY-4N35 Datasheet
157Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 27-Jan-05
logo
New Jersey Semi-Conduct...
4N35 NJSEMI-4N35 Datasheet
191Kb / 2P
   Photon Coupled Isolator
More results

Description similaire - 4N35

FabricantNo de pièceFiches techniqueDescription
logo
Surge Components
1N3004W SURGE-1N3004W Datasheet
393Kb / 3P
   fast switching speed
logo
Pan Jit International I...
SS0130UFN2B PANJIT-SS0130UFN2B Datasheet
96Kb / 5P
   Fast switching speed
logo
Diodes Incorporated
BAW101-7 DIODES-BAW101-7 Datasheet
79Kb / 4P
   Fast Switching Speed
logo
SHENZHEN YONGERJIA INDU...
MMBD4448AQW WINNERJOIN-MMBD4448AQW Datasheet
133Kb / 2P
   Fast Switching Speed
logo
Inchange Semiconductor ...
2SK1879 ISC-2SK1879 Datasheet
60Kb / 2P
   Fast Switching Speed
4N90 ISC-4N90 Datasheet
65Kb / 2P
   Fast Switching Speed
6N25 ISC-6N25 Datasheet
65Kb / 2P
   Fast Switching Speed
8N90 ISC-8N90 Datasheet
58Kb / 2P
   Fast Switching Speed
9N40 ISC-9N40 Datasheet
67Kb / 2P
   Fast Switching Speed
logo
Nanjing International G...
BAV19WS DGNJDZ-BAV19WS Datasheet
100Kb / 3P
   Fast switching speed
BAV23A DGNJDZ-BAV23A Datasheet
308Kb / 1P
   Fast Switching Speed
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com