Moteur de recherche de fiches techniques de composants électroniques |
|
AM24LC08N Fiches technique(PDF) 1 Page - Anachip Corp |
|
AM24LC08N Fiches technique(HTML) 1 Page - Anachip Corp |
1 / 10 page 2-Wire Serial 8K-Bit (1024 x 8) CMOS Electrically Erasable PROM AM24LC08 This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of this product. No rights under any patent accompany the sale of the product. Rev.A1 Oct 20, 2003 1/10 ATC Features •State- of- the- art architecture - Non-volatile data storage - Standard voltage and low voltage operation (Vcc = 2.7V to 5.5V) for AM24LC08 • 2-wire I 2C serial interface - Provides bi-directional data transfer protocol • 16-byte page write mode - Minimizes total write time per word • Self-timed write-cycle (including auto-erase) • Durable and Reliable - 40 years data retention - Minimum of 1M write/erase cycles per word - Unlimited read cycles - ESD protection • Low standby current • Packages: PDIP-8L, SOP-8L Connection Diagram VCC WP SCL SDA NC NC A2 VSS PDIP / SOP 8 7 6 5 1 2 3 4 General Description The AM24LC08 is a non-volatile, 8192-bit serial EEPROM with conforms to all specifications in I 2C 2 wire protocol. The whole memory can be disabled (Write Protected) by connecting the WP pin to Vcc. This section of memory then becomes unalterable unless WP is switched to Vss. The AM24LC08 communication protocol uses CLOCK(SCL) and DATA I/O(SDA) lines to synchronously clock data between the master (for example a microcomputer)and the slave EEPROM devices(s) .In addition, the bus structure allows for a maximum of 16K of EEPROM memory. This supports the family in 2K, 4K, 8K devices, allowing the user to configure the memory as the application requires with any combination of EEPROMs (not to exceed 16K). Anachip EEPROMs are designed and tested for application requiring high endurance, high reliability, and low power consumption. Pin Assignments Name Description NC No connect A2 Device address inputs VSS Ground SDA Data I/O SCL Clock input WP Write protect VCC Power pin Ordering Information Type Package 08 =8K S: SOP-8L N: PDIP-8L Temp. grade AM 24 LC 08 X X X Packing Blank : C 70 ~ C 0 o o + I : V : Blank : Tube A : Taping Operating Voltage LC: 2.7~5.5V, CMOS C 85 ~ C 40 - o o + C 125 ~ C 40 - o o + |
Numéro de pièce similaire - AM24LC08N |
|
Description similaire - AM24LC08N |