Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8029AKS-REEL Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD8029AKS-REEL
Description  Low Power, High Speed Rail-to-Rail Input/Output Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8029AKS-REEL Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD8029AKS-REEL Datasheet HTML 7Page - Analog Devices AD8029AKS-REEL Datasheet HTML 8Page - Analog Devices AD8029AKS-REEL Datasheet HTML 9Page - Analog Devices AD8029AKS-REEL Datasheet HTML 10Page - Analog Devices AD8029AKS-REEL Datasheet HTML 11Page - Analog Devices AD8029AKS-REEL Datasheet HTML 12Page - Analog Devices AD8029AKS-REEL Datasheet HTML 13Page - Analog Devices AD8029AKS-REEL Datasheet HTML 14Page - Analog Devices AD8029AKS-REEL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD8029/AD8030/AD8040
Rev. A | Page 11 of 20
–0.1%
+0.1%
500ns/DIV
03679-0-062
VOUT – 2VIN (0.1%/DIV)
G = +2
VS = ±2.5V
+1V
–1V
VOUT (500mV/DIV)
Figure 31. Long-Term Settling Time
FREQUENCY (Hz)
1k
10k
100k
1M
10M
100M
1G
–100
–90
–80
–70
–60
–50
–40
–30
–20
03679-0-078
Figure 32. Common-Mode Rejection Ratio vs. Frequency
03679-0-055
0.1
1
10
100
1000
–20
–70
–60
–50
–40
–30
–80
FREQUENCY (MHz)
G = +1
RL = 1kΩ
DISABLE = LOW
VIN = 0.1V p-p
Figure 33. AD8029 Off-Isolation vs. Frequency
–0.1%
+0.1%
20ns/DIV
03679-0-063
VOUT – 2VIN (0.1%/DIV)
VOUT (500mV/DIV)
VIN (250mV/DIV)
G = +2
Figure 34.0.1% Short-Term Settling Time
1k
10k
100k
1M
10M
100M
1G
FREQUENCY (Hz)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
03679-0-033
+PSRR
–PSRR
Figure 35. PSRR vs. Frequency
FREQUENCY (MHz)
0.01
–130
1000
0.1
1.0
10
100
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
DRIVE AMP
1k
50
VIN
CROSSTALK = 20log
(VOUT
VIN )
LISTEN AMP
1k
VOUT
AD8040
(AMP 4 DRIVE
AMP 1 LISTEN)
AD8030
(AMP 2 DRIVE
AMP 1 LISTEN)
Figure 36. AD8030/AD8040 Crosstalk vs. Frequency


Numéro de pièce similaire - AD8029AKS-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8029AKS-EBZ AD-AD8029AKS-EBZ Datasheet
728Kb / 24P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. B
More results

Description similaire - AD8029AKS-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8040 AD-AD8040_15 Datasheet
670Kb / 25P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. B
AD8029 AD-AD8029 Datasheet
728Kb / 24P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. B
AD8029 AD-AD8029_15 Datasheet
670Kb / 25P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. B
AD8030 AD-AD8030_15 Datasheet
670Kb / 25P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. B
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
   Input/output rail-to-rail low power operational amplifier
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
   Input/Output Rail-to-Rail Low Power Operational Amplifier
logo
Analog Devices
AD8028 AD-AD8028 Datasheet
478Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. B
AD8027 AD-AD8027_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8027 AD-AD8027_05 Datasheet
612Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8028 AD-AD8028_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com