Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

V-10-1C24-T Fiches technique(PDF) 12 Page - Omron Electronics LLC

No de pièce V-10-1C24-T
Description  Miniature Basic Switch that Offers High Reliability and Security
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V-10-1C24-T Fiches technique(HTML) 12 Page - Omron Electronics LLC

Back Button V-10-1C24-T Datasheet HTML 8Page - Omron Electronics LLC V-10-1C24-T Datasheet HTML 9Page - Omron Electronics LLC V-10-1C24-T Datasheet HTML 10Page - Omron Electronics LLC V-10-1C24-T Datasheet HTML 11Page - Omron Electronics LLC V-10-1C24-T Datasheet HTML 12Page - Omron Electronics LLC V-10-1C24-T Datasheet HTML 13Page - Omron Electronics LLC V-10-1C24-T Datasheet HTML 14Page - Omron Electronics LLC V-10-1C24-T Datasheet HTML 15Page - Omron Electronics LLC V-10-1C24-T Datasheet HTML 16Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
V
Miniature Basic Switch
V
Dimensions and Operating Characteristics
The following illustrations and drawings are for quick-connect terminals #250 (terminals C). V models with a switching current of 16 A and 11 A incorporate solder
terminals (A) and quick-connect termimals #187 (C2). These models are different from #250 models in terminal size only. Dimensions of solder terminals (A) and quick-
connect terminal #187 (C2) are omitted. Please refer to the "Terminals and Shapes" on previous page.
The
@ is replaced with the code for the terminals. See the "List of Models" for available combinations of shapes.
Note 1. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
Note 2. The operating characteristics are for operation in the A direction (
).
Thermoplastic Case
V-21/-16 Models
19.1
39.8±0.8
22.2±0.1
20.2±0.25
φ3.4±0.15
(12.0)
27.8
2.8
3.1+0.13
−0.03
2.8
OP
PT
10.3±0.1
15.9
φ3.1+0.13 hole
−0.03
2.8
1.6
Three, quick-connect
terminals (#250) (t0.8)
10.3
2.8
4.2
A
●Pin plunger
V-21-1
@6
V-16-1
@6
V-16-1
@5
Operating
characteristics
Model
V-21-1
@6
V-16-1
@6
V-16-1
@5
OF max.
RF min.
3.92N
0.78N
1.96N
0.49N
PT max.
OT min.
MD max.
1.2mm
1.0mm
0.4mm
OP
14.7
±0.4mm
●Short hinge lever
V-211-1
@6
V-161-1
@6
V-161-1
@5
Operating
characteristics
Model
V-211-1
@6
V-161-1
@6
V-161-1
@5
OF max.
RF min.
3.92N
0.49N
1.96N
0.49N
PT max.
OT min.
MD max.
1.6mm
0.8mm
0.6mm
OP
15.2
±0.5mm
19.1
39.8±0.8
22.2±0.1
φ3.4±0.15
(12.0)
27.8
2.8
3.1+0.13
−0.03
2.8
OP
PT
10.3±0.1
15.9
φ3.1+0.13 hole
−0.03
1.6
Three, quick-connect
terminals (#250) (t0.8)
10.3
2.8
4.3
22.1
A
8.1
t=0.5 *
* Stainless-steel lever
●Hinge lever
V-212-1
@6
V-162-1
@6
V-162-1
@5
Operating
characteristics
Model
V-212-1
@6
V-162-1
@6
V-162-1
@5
OF max.
RF min.
2.45N
0.25N
1.23N
0.14N
PT max.
OT min.
MD max.
4.0mm
1.6mm
1.5mm
OP
15.2
±1.2mm
19.1
39.8±0.8
22.2±0.1
φ3.4±0.15
(12.0)
27.8
2.8
2.8
OP
PT
10.3±0.1
35.6±0.8
15.9
φ3.1+0.13 hole
−0.03
1.6
Three, quick-connect
terminals (#250) (t0.8)
10.3
2.8
4.3
8.1
t=0.5 *
A
* Stainless-steel lever
3.1+0.13
−0.03
●Long Hinge Lever Models
V-213-1
@6
V-163-1
@6
V-163-1
@5
Operating
characteristics
Model
V-213-1
@6
V-163-1
@6
V-163-1
@5
OF max.
RF min.
1.27N
0.12N
0.69N
0.06N
PT max.
OT min.
MD max.
9.0mm
2.0mm
2.8mm
OP
15.2
mm
+2.6
−3.2
19.1
39.8±0.8
22.2±0.1
φ3.4±0.15
(12.0)
27.8
2.8
3.1+0.13
−0.03
2.8
10.3±0.1
15.9
φ3.1+0.13 hole
−0.03
1.6
10.3
2.8
4.3
t=0.5 *
59.4±0.8
OP
PT
8.1
A
Three, quick-connect
terminals (#250) (t0.8)
* Stainless-steel lever


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn