Moteur de recherche de fiches techniques de composants électroniques |
|
TL431AILPR Fiches technique(PDF) 1 Page - Texas Instruments |
|
|
TL431AILPR Fiches technique(HTML) 1 Page - Texas Instruments |
1 / 40 page TL431, TL431A, TL431B, TL432, TL432A, TL432B ADJUSTABLE PRECISION SHUNT REGULATORS SLVS543A – AUGUST 2004 − REVISED AUGUST 2004 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Operation From −40°C to 125°C − 0.5% ...B Grade − 1% ...A Grade − 2% . . . Standard Grade D Typical Temperature Drift (TL431B) − 6 mV (C Temp) − 14 mV (I Temp, Q Temp) D Low Output Noise D 0.2-Ω Typical Output Impedance D Sink-Current Capability ...1 mA to 100 mA D Adjustable Output Voltage ...Vref to 36 V 1 2 3 4 8 7 6 5 CATHODE ANODE ANODE NC REF ANODE ANODE NC TL431, TL431A, TL431B ...D (SOIC) PACKAGE (TOP VIEW) 1 2 3 4 8 7 6 5 CATHODE NC NC NC REF NC ANODE NC TL431, TL431A, TL431B ...P (PDIP), PS (SOP), OR PW (TSSOP) PACKAGE (TOP VIEW) TL431, TL431A, TL431B . . . LP (TO-92/TO-226) PACKAGE (TOP VIEW) CATHODE ANODE REF NC − No internal connection TL431, TL431A, TL431B . . . DBV (SOT23-5) PACKAGE (TOP VIEW) 1 2 3 5 4 NC NU CATHODE ANODE REF TL431, TL431A, TL431B ...PK (SOT-89) PACKAGE (TOP VIEW) REF ANODE CATHODE CATHODE ANODE REF TL431 . . . KTP (PowerFLEX E/TO-252) PACKAGE (TOP VIEW) NU − Make no external connection NC − No internal connection TL432, TL432A, TL432B . . . DBV (SOT23-5) PACKAGE (TOP VIEW) 1 2 3 5 4 NC ANODE NC REF CATHODE NC − No internal connection TL431, TL431A, TL431B . . . DBZ (SOT23-3) PACKAGE (TOP VIEW) TL432, TL432A, TL432B . . . DBZ (SOT23-3) PACKAGE (TOP VIEW) NC − No internal connection 1 2 3 REF CATHODE ANODE 1 2 3 CATHODE REF ANODE TL431A, TL431B . . . DCK (SC-70) PACKAGE (TOP VIEW) 1 2 3 6 5 4 CATHODE NC REF ANODE NC NC NC − No internal connection Copyright 2004, Texas Instruments Incorporated Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PowerFLEX is a trademark of Texas Instruments. PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Numéro de pièce similaire - TL431AILPR |
|
Description similaire - TL431AILPR |