Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

V-15-3C26 Fiches technique(PDF) 4 Page - Omron Electronics LLC

No de pièce V-15-3C26
Description  Miniature Basic Switch that Offers High Reliability and Security
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V-15-3C26 Fiches technique(HTML) 4 Page - Omron Electronics LLC

  V-15-3C26 Datasheet HTML 1Page - Omron Electronics LLC V-15-3C26 Datasheet HTML 2Page - Omron Electronics LLC V-15-3C26 Datasheet HTML 3Page - Omron Electronics LLC V-15-3C26 Datasheet HTML 4Page - Omron Electronics LLC V-15-3C26 Datasheet HTML 5Page - Omron Electronics LLC V-15-3C26 Datasheet HTML 6Page - Omron Electronics LLC V-15-3C26 Datasheet HTML 7Page - Omron Electronics LLC V-15-3C26 Datasheet HTML 8Page - Omron Electronics LLC V-15-3C26 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
V
Miniature Basic Switch
V
Long hinge lever
Solder terminals
(A)
SPDT
1.27N
---
V-163-1A6
SPST-NC
---
V-163-2A6
SPST-NO
---
V-163-3A6
SPDT
0.69N
---
V-163-1A5
SPST-NC
---
V-163-2A5
SPST-NO
---
V-163-3A5
SPDT
0.34N
---
---
SPST-NC
---
---
SPST-NO
---
---
Quick-connect
terminals (#187)
(C2)
SPDT
1.27N
---
V-163-1C26
SPST-NC
---
V-163-2C26
SPST-NO
---
V-163-3C26
SPDT
0.69N
---
V-163-1C25
SPST-NC
---
V-163-2C25
SPST-NO
---
V-163-3C25
SPDT
0.34N
---
---
SPST-NC
---
---
SPST-NO
---
---
Quick-connect
terminals (#250)
(C)
SPDT
1.27N
V-213-1C6
V-163-1C6
SPST-NC
V-213-2C6
V-163-2C6
SPST-NO
V-213-3C6
V-163-3C6
SPDT
0.69N
---
V-163-1C5
SPST-NC
---
V-163-2C5
SPST-NO
---
V-163-3C5
SPDT
0.34N
---
---
SPST-NC
---
---
SPST-NO
---
---
Simulated roller
lever
Solder terminals
(A)
SPDT
2.45N
---
V-164-1A6
SPST-NC
---
V-164-2A6
SPST-NO
---
V-164-3A6
SPDT
1.23N
---
V-164-1A5
SPST-NC
---
V-164-2A5
SPST-NO
---
V-164-3A5
SPDT
0.59N
---
---
SPST-NC
---
---
SPST-NO
---
---
Quick-connect
terminals (#187)
(C2)
SPDT
2.45N
---
V-164-1C26
SPST-NC
---
V-164-2C26
SPST-NO
---
V-164-3C26
SPDT
1.23N
---
V-164-1C25
SPST-NC
---
V-164-2C25
SPST-NO
---
V-164-3C25
SPDT
0.59N
---
---
SPST-NC
---
---
SPST-NO
---
---
Quick-connect
terminals (#250)
(C)
SPDT
2.45N
V-214-1C6
V-164-1C6
SPST-NC
V-214-2C6
V-164-2C6
SPST-NO
V-214-3C6
V-164-3C6
SPDT
1.23N
---
V-164-1C5
SPST-NC
---
V-164-2C5
SPST-NO
---
V-164-3C5
SPDT
0.59N
---
---
SPST-NC
---
---
SPST-NO
---
---
Ratings
21A
16A
Actuator
Terminals
Contact form
Maximum operating force (OF)
Refer to "Micro Switch Common Accessories" for Separators (sold separately), Actuators (sold separately) and Terminal
Connectors (sold separately).


Numéro de pièce similaire - V-15-3C26

FabricantNo de pièceFiches techniqueDescription
logo
Omron Electronics LLC
V-15-3C6-K OMRON-V-15-3C6-K Datasheet
1Mb / 16P
   General Purpose Snap Action Switch
More results

Description similaire - V-15-3C26

FabricantNo de pièceFiches techniqueDescription
logo
Omron Electronics LLC
V-15G2-1C26-K OMRON-V-15G2-1C26-K Datasheet
1Mb / 16P
   Miniature Basic Switch that Offers High Reliability and Security
logo
List of Unclassifed Man...
MV-3 ETC-MV-3 Datasheet
4Mb / 12P
   Miniature Basic Switch
logo
Omron Electronics LLC
V-15-1A5 OMRON-V-15-1A5 Datasheet
256Kb / 16P
   Miniature Basic Switch
logo
List of Unclassifed Man...
V-102-1A4 ETC2-V-102-1A4 Datasheet
1Mb / 16P
   Miniature Basic Switch
logo
Omron Electronics LLC
D3V OMRON-D3V Datasheet
1Mb / 18P
   Miniature Basic Switch
D2MV OMRON-D2MV Datasheet
1Mb / 5P
   Miniature Basic Switch
logo
List of Unclassifed Man...
D2SW ETC-D2SW Datasheet
95Kb / 6P
   Watertight Miniature Basic Switch
logo
Omron Electronics LLC
E6C3 OMRON-E6C3 Datasheet
339Kb / 20P
   An Encoder That Offers Durability and Convenience
logo
Honeywell Solid State E...
V5B210CB1C HONEYWELL-V5B210CB1C Datasheet
133Kb / 5P
   V5 Series Miniature Basic Switch
logo
Omron Electronics LLC
D2FC-F-7N OMRON-D2FC-F-7N Datasheet
316Kb / 6P
   Ultra Sub Miniature Basic Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com