Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SS-01-F Fiches technique(PDF) 3 Page - Omron Electronics LLC

No de pièce SS-01-F
Description  Subminiature Basic Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SS-01-F Fiches technique(HTML) 3 Page - Omron Electronics LLC

  SS-01-F Datasheet HTML 1Page - Omron Electronics LLC SS-01-F Datasheet HTML 2Page - Omron Electronics LLC SS-01-F Datasheet HTML 3Page - Omron Electronics LLC SS-01-F Datasheet HTML 4Page - Omron Electronics LLC SS-01-F Datasheet HTML 5Page - Omron Electronics LLC SS-01-F Datasheet HTML 6Page - Omron Electronics LLC SS-01-F Datasheet HTML 7Page - Omron Electronics LLC SS-01-F Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
SS
Subminiature Basic Switch
S
S
●Heat Resistant Models
Contact Form
Contact Specifications
*
Please refer to "
●Using Micro Loads" in "Precautions" for more
information on the minimum applicable load.
Ratings
10.1 A
5 A
0.1 A
Actuator
Terminals
Contact Form Maximum Operating Force (OF)
Hinge roller lever
Solder terminals
SPDT
0.49 N {50 gf}
SS-10GL2
SS-5GL2
SS-01GL2
SPST-NC
SS-10GL2-2
SS-5GL2-2
SS-01GL2-2
SPST-NO
SS-10GL2-3
SS-5GL2-3
SS-01GL2-3
Quick-connect
terminals (#110)
SPDT
SS-10GL2T
SS-5GL2T
SS-01GL2T
SPST-NC
SS-10GL2-2T
SS-5GL2-2T
SS-01GL2-2T
SPST-NO
SS-10GL2-3T
SS-5GL2-3T
SS-01GL2-3T
PCB terminals
SPDT
SS-10GL2D
SS-5GL2D
SS-01GL2D
SPST-NC
SS-10GL2-2D
SS-5GL2-2D
SS-01GL2-2D
SPST-NO
SS-10GL2-3D
SS-5GL2-3D
SS-01GL2-3D
Solder terminals
SPDT
0.16 N {16 gf}
-
SS-5GL2-F
SS-01GL2-F
SPST-NC
-
SS-5GL2-F-2
SS-01GL2-F-2
SPST-NO
-
SS-5GL2-F-3
SS-01GL2-F-3
Quick-connect
terminals (#110)
SPDT
-
SS-5GL2-FT
SS-01GL2-FT
SPST-NC
-
SS-5GL2-F-2T
SS-01GL2-F-2T
SPST-NO
-
SS-5GL2-F-3T
SS-01GL2-F-3T
PCB terminals
SPDT
-
SS-5GL2-FD
SS-01GL2-FD
SPST-NC
-
SS-5GL2-F-2D
SS-01GL2-F-2D
SPST-NO
-
SS-5GL2-F-3D
SS-01GL2-F-3D
Solder terminals
SPDT
0.08 N {8 gf}
-
-
SS-01GL2-E
SPST-NC
-
-
SS-01GL2-E-2
SPST-NO
-
-
SS-01GL2-E-3
Quick-connect
terminals (#110)
SPDT
-
-
SS-01GL2-ET
SPST-NC
-
-
SS-01GL2-E-2T
SPST-NO
-
-
SS-01GL2-E-3T
PCB terminals
SPDT
-
-
SS-01GL2-ED
SPST-NC
-
-
SS-01GL2-E-2D
SPST-NO
-
-
SS-01GL2-E-3D
Ratings
10.1 A
5 A
0.1 A
Actuator
Terminals
ContactForm Maximum Operating Force (OF)
Pin plunger
Solder terminals
SPDT
1.47 N {150 gf}
SS-10-T
SS-5-T
SS-01-T
Quick-connect
terminals (#110)
SS-10T-T
SS-5T-T
SS-01T-T
PCB terminals
SS-10D-T
SS-5D-T
SS-01D-T
Hinge lever
Solder terminals
0.49 N {50 gf}
SS-10GL-T
SS-5GL-T
SS-01GL-T
Quick-connect
terminals (#110)
SS-10GLT-T
SS-5GLT-T
SS-01GLT-T
PCB terminals
SS-10GLD-T
SS-5GLD-T
SS-01GLD-T
Long hinge lever
Solder terminals
0.39 N {40 gf}
SS-10GL111-T
SS-5GL111-T
SS-01GL111-T
Quick-connect
terminals (#110)
SS-10GL111T-T
SS-5GL111T-T
SS-01GL111T-T
PCB terminals
SS-10GL111D-T
SS-5GL111D-T
SS-01GL111D-T
Simulated roller
lever
Solder terminals
0.49 N {50 gf}
SS-10GL13-T
SS-5GL13-T
SS-01GL13-T
Quick-connect
terminals (#110)
SS-10GL13T-T
SS-5GL13T-T
SS-01GL13T-T
PCB terminals
SS-10GL13D-T
SS-5GL13D-T
SS-01GL13D-T
Hinge roller lever
(Roller material:
stainless steel)
Solder terminals
0.49 N {50 gf}
SS-10GL02-T
SS-5GL02-T
SS-01GL02-T
Quick-connect
terminals (#110)
SS-10GL02T-T
SS-5GL02T-T
SS-01GL02T-T
PCB terminals
SS-10GL02D-T
SS-5GL02D-T
SS-01GL02D-T
●SPDT
●SPST-NC
●SPST-NO
COM
NO NC
COM
NC
COM
NO
Item
Model SS-10 models SS-5 models SS-01 models
Contact
Specification
Rivet
Crossbar
Material
Silver alloy
Silver
Gold alloy
Gap (standard value)
0.5 mm
0.25 mm
Inrush
current
NC
20 A max.
1 A max.
NO
15 A max.
10 A max.
1 A max.
Minimum applicable load
(reference value)*
5 VDC 160 mA
5 VDC 1 mA
Separator (Sold Separately), Terminal Connector (Sold Separately)
Refer to "Basic Switch Common Accessories"


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn