Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SS-01D Datasheet(Fiches technique) 2 Page - Omron Electronics LLC

Numéro de pièce SS-01D
Description  Subminiature Basic Switch
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SS-01D Datasheet(HTML) 2 Page - Omron Electronics LLC

  SS-01D Datenblatt HTML 1Page - Omron Electronics LLC SS-01D Datasheet HTML 2Page - Omron Electronics LLC SS-01D Datenblatt HTML 3Page - Omron Electronics LLC SS-01D Datenblatt HTML 4Page - Omron Electronics LLC SS-01D Datenblatt HTML 5Page - Omron Electronics LLC SS-01D Datenblatt HTML 6Page - Omron Electronics LLC SS-01D Datenblatt HTML 7Page - Omron Electronics LLC SS-01D Datenblatt HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
SS
Subminiature Basic Switch
S
S
Ratings
10.1 A
5 A
0.1 A
Actuator
Terminals
Contact Form Maximum Operating Force (OF)
Hinge lever
Solder terminals
SPDT
0.49 N {50 gf}
SS-10GL
SS-5GL
SS-01GL
SPST-NC
SS-10GL-2
SS-5GL-2
SS-01GL-2
SPST-NO
SS-10GL-3
SS-5GL-3
SS-01GL-3
Quick-connect
terminals (#110)
SPDT
SS-10GLT
SS-5GLT
SS-01GLT
SPST-NC
SS-10GL-2T
SS-5GL-2T
SS-01GL-2T
SPST-NO
SS-10GL-3T
SS-5GL-3T
SS-01GL-3T
PCB terminals
SPDT
SS-10GLD
SS-5GLD
SS-01GLD
SPST-NC
SS-10GL-2D
SS-5GL-2D
SS-01GL-2D
SPST-NO
SS-10GL-3D
SS-5GL-3D
SS-01GL-3D
Solder terminals
SPDT
0.16 N {16 gf}
-
SS-5GL-F
SS-01GL-F
SPST-NC
-
SS-5GL-F-2
SS-01GL-F-2
SPST-NO
-
SS-5GL-F-3
SS-01GL-F-3
Quick-connect
terminals (#110)
SPDT
-
SS-5GL-FT
SS-01GL-FT
SPST-NC
-
SS-5GL-F-2T
SS-01GL-F-2T
SPST-NO
-
SS-5GL-F-3T
SS-01GL-F-3T
PCB terminals
SPDT
-
SS-5GL-FD
SS-01GL-FD
SPST-NC
-
SS-5GL-F-2D
SS-01GL-F-2D
SPST-NO
-
SS-5GL-F-3D
SS-01GL-F-3D
Solder terminals
SPDT
0.08 N {8 gf}
-
-
SS-01GL-E
SPST-NC
-
-
SS-01GL-E-2
SPST-NO
-
-
SS-01GL-E-3
Quick-connect
terminals (#110)
SPDT
-
-
SS-01GL-ET
SPST-NC
-
-
SS-01GL-E-2T
SPST-NO
-
-
SS-01GL-E-3T
PCB terminals
SPDT
-
-
SS-01GL-ED
SPST-NC
-
-
SS-01GL-E-2D
SPST-NO
-
-
SS-01GL-E-3D
Long hinge lever
Solder terminals
SPDT
0.39 N {40 gf}
SS-10GL111
SS-5GL111
SS-01GL111
SPST-NC
SS-10GL111-2
SS-5GL111-2
SS-01GL111-2
SPST-NO
SS-10GL111-3
SS-5GL111-3
SS-01GL111-3
Quick-connect
terminals (#110)
SPDT
SS-10GL111T
SS-5GL111T
SS-01GL111T
SPST-NC
SS-10GL111-2T
SS-5GL111-2T
SS-01GL111-2T
SPST-NO
SS-10GL111-3T
SS-5GL111-3T
SS-01GL111-3T
PCB terminals
SPDT
SS-10GL111D
SS-5GL111D
SS-01GL111D
SPST-NC
SS-10GL111-2D
SS-5GL111-2D
SS-01GL111-2D
SPST-NO
SS-10GL111-3D
SS-5GL111-3D
SS-01GL111-3D
Solder terminals
SPDT
0.12 N {12 gf}
-
SS-5GL111-F
SS-01GL111-F
SPST-NC
-
SS-5GL111-F-2
SS-01GL111-F-2
SPST-NO
-
SS-5GL111-F-3
SS-01GL111-F-3
Quick-connect
terminals (#110)
SPDT
-
SS-5GL111-FT
SS-01GL111-FT
SPST-NC
-
SS-5GL111-F-2T
SS-01GL111-F-2T
SPST-NO
-
SS-5GL111-F-3T
SS-01GL111-F-3T
PCB terminals
SPDT
-
SS-5GL111-FD
SS-01GL111FD
SPST-NC
-
SS-5GL111-F-2D
SS-01GL111-F-2D
SPST-NO
-
SS-5GL111-F-3D
SS-01GL111-F-3D
Solder terminals
SPDT
0.06 N {6 gf}
-
-
SS-01GL111-E
SPST-NC
-
-
SS-01GL111-E-2
SPST-NO
-
-
SS-01GL111-E-3
Quick-connect
terminals (#110)
SPDT
-
-
SS-01GL111-ET
SPST-NC
-
-
SS-01GL111-E-2T
SPST-NO
-
-
SS-01GL111-E-3T
PCB terminals
SPDT
-
-
SS-01GL111-ED
SPST-NC
-
-
SS-01GL111-E-2D
SPST-NO
-
-
SS-01GL111-E-3D
Simulated roller lever
Solder terminals
SPDT
0.49 N {50 gf}
SS-10GL13
SS-5GL13
SS-01GL13
SPST-NC
SS-10GL13-2
SS-5GL13-2
SS-01GL13-2
SPST-NO
SS-10GL13-3
SS-5GL13-3
SS-01GL13-3
Quick-connect
terminals (#110)
SPDT
SS-10GL13T
SS-5GL13T
SS-01GL13T
SPST-NC
SS-10GL13-2T
SS-5GL13-2T
SS-01GL13-2T
SPST-NO
SS-10GL13-3T
SS-5GL13-3T
SS-01GL13-3T
PCB terminals
SPDT
SS-10GL13D
SS-5GL13D
SS-01GL13D
SPST-NC
SS-10GL13-2D
SS-5GL13-2D
SS-01GL13-2D
SPST-NO
SS-10GL13-3D
SS-5GL13-3D
SS-01GL13-3D
Solder terminals
SPDT
0.16 N {16 gf}
-
SS-5GL13-F
SS-01GL13-F
SPST-NC
-
SS-5GL13-F-2
SS-01GL13-F-2
SPST-NO
-
SS-5GL13-F-3
SS-01GL13-F-3
Quick-connect
terminals (#110)
SPDT
-
SS-5GL13-FT
SS-01GL13-FT
SPST-NC
-
SS-5GL13-F-2T
SS-01GL13-F-2T
SPST-NO
-
SS-5GL13-F-3T
SS-01GL13-F-3T
PCB terminals
SPDT
-
SS-5GL13-FD
SS-01GL13-FD
SPST-NC
-
SS-5GL13-F-2D
SS-01GL13-F-2D
SPST-NO
-
SS-5GL13-F-3D
SS-01GL13-F-3D
Solder terminals
SPDT
0.08 N {8 gf}
-
-
SS-01GL13-E
SPST-NC
-
-
SS-01GL13-E-2
SPST-NO
-
-
SS-01GL13-E-3
Quick-connect
terminals (#110)
SPDT
-
-
SS-01GL13-ET
SPST-NC
-
-
SS-01GL13-E-2T
SPST-NO
-
-
SS-01GL13-E-3T
PCB terminals
SPDT
-
-
SS-01GL13-ED
SPST-NC
-
-
SS-01GL13-E-2D
SPST-NO
-
-
SS-01GL13-E-3D
Separator (Sold Separately), Terminal Connector (Sold Separately)
Refer to "Basic Switch Common Accessories"


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn