Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SS-01-3T Datasheet(Fiches technique) 6 Page - Omron Electronics LLC

Numéro de pièce SS-01-3T
Description  Subminiature Basic Switch
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SS-01-3T Datasheet(HTML) 6 Page - Omron Electronics LLC

  SS-01-3T Datenblatt HTML 1Page - Omron Electronics LLC SS-01-3T Datenblatt HTML 2Page - Omron Electronics LLC SS-01-3T Datenblatt HTML 3Page - Omron Electronics LLC SS-01-3T Datenblatt HTML 4Page - Omron Electronics LLC SS-01-3T Datenblatt HTML 5Page - Omron Electronics LLC SS-01-3T Datasheet HTML 6Page - Omron Electronics LLC SS-01-3T Datenblatt HTML 7Page - Omron Electronics LLC SS-01-3T Datenblatt HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
SS
Subminiature Basic Switch
S
S
Note 1. Unless otherwise specified, a tolerance of ±0.4 mm applies to all dimensions.
Note 2. The operating characteristics are for operation in the A direction (
).
●Simulated roller lever
SS-10GL13
SS-5GL13 (-F)
SS-01GL13 (-E, -F)
2.9
OP
FP
1.6
8.8
5.1
7.3
19.8
3.2
6.4
6.4
3-1.6 dia. holes
9.5±0.1
2.5±0.07 dia.
2.35+0.075 dia. holes
-0.05
2.35+0.075
-0.05
9.5 10.2
15.8
2.5
A
R1.3
t=0.3*
* Stainless-steel lever
3.6
0.5
Model
Operating Characteristics
SS-10GL13
SS-5GL13
SS-01GL13
SS-5GL13-F
SS-01GL13-F
SS-01GL13-E
Operating Force
OF
Max.
Releasing Force
RF
Min.
0.49 N {50 gf}
0.06 N {6 gf}
0.49 N {50 gf}
0.06 N {6 gf}
0.16 N {16 gf}
0.02 N {2 gf}
0.08 N {8 gf}
0.01 N {1 gf}
(reference value)
Overtravel
OT
Min.
Movement Differential MD
Max.
1.0 mm
1.0 mm
1.2 mm
0.8 mm
1.2 mm
0.8 mm
1.2 mm
0.8 mm
Free Position
FP
Max.
Operating Position
OP
15.5 mm
10.7
±0.8 mm
Note. The indicated reference values of RF are for cases
where the lever weight is not applied to the plunger.
2.9
OP
FP
1.6
8.8
5.1
7.3
19.8
3.2
6.4
6.4
3-1.6 dia. holes
9.5±0.1
2.5±0.07 dia.
2.35+0.075 dia. holes
-0.05
2.35+0.075
-0.05
9.5 10.2
14.5
4.8x3.2 dia.
*2
2.5
A
t=0.3 * 1
*1. Stainless-steel lever
*2. Polyacetal resin roller
0.5
Model
Operating Characteristics
SS-10GL2
SS-5GL2
SS-01GL2
SS-5GL2-F
SS-01GL2-F
SS-01GL2-E
Operating Force
OF
Max.
Releasing Force
RF
Min.
0.49 N {50 gf}
0.06 N {6 gf}
0.49 N {50 gf}
0.06 N {6 gf}
0.16 N {16 gf}
0.02 N {2 gf}
0.08 N {8 gf}
0.01 N {1 gf}
(reference value)
Overtravel
OT
Min.
Movement Differential MD Max.
1.0 mm
1.0 mm
1.2 mm
0.8 mm
1.2 mm
0.8 mm
1.2 mm
0.8 mm
Free Position
FP
Max.
Operating Position
OP
19.3mm
14.5
±0.8mm
Note. The indicated reference values of RF are for cases
where the lever weight is not applied to the plunger.
●Hinge roller lever
SS-10GL2
SS-5GL2 (-F)
SS-01GL2 (-E, -F)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn