Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SS-01 Datasheet(Fiches technique) 1 Page - Omron Electronics LLC

Numéro de pièce SS-01
Description  Subminiature Basic Switch
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SS-01 Datasheet(HTML) 1 Page - Omron Electronics LLC

  SS-01 Datasheet HTML 1Page - Omron Electronics LLC SS-01 Datenblatt HTML 2Page - Omron Electronics LLC SS-01 Datenblatt HTML 3Page - Omron Electronics LLC SS-01 Datenblatt HTML 4Page - Omron Electronics LLC SS-01 Datenblatt HTML 5Page - Omron Electronics LLC SS-01 Datenblatt HTML 6Page - Omron Electronics LLC SS-01 Datenblatt HTML 7Page - Omron Electronics LLC SS-01 Datenblatt HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
S
S
SS
Subminiature Basic Switch
Subminiature Basic Switch
Offers High Reliability and
Security
? The OMRON's best-selling micro switches of a
wide variety from 0.1A to 10.1A.
? A variety of models are available, with operating
force ranging from low to high.
? Two split springs ensure a high stability and
durability of 30,000,000 operations.
RoHS Compliant
Model Number Legend
List of Models
?Standard Models
SS-
@@@@@@
1. Ratings
10 : 250 VAC 10.1A
5 : 125 VAC 5 A
01 : 30 VDC 0.1A
2. Actuator
None : Pin plunger
GL
: Hinge lever
GL111 : Long hinge lever
GL13 : Simulated roller lever
GL2
: Hinge roller lever
GL02 : Hinge roller lever
(Roller material: Stainless) heat-resistant
3. Maximum Operating Force (OF)
None : 1.47 N {150 gf}
-F
: 0.49 N {50 gf} (0.1 A, 5 A)
-E
: 0.25 N {25 gf} (0.1 A)
123456
4. Contact form
None : SPDT
-2
: SPST-NC
-3
: SPST-NO
5. Terminals
None : Solder terminals
T
: Quick-connect terminals (#110)
D
: PCB terminals
6. Heat resistance
None : Standard (85C)
-T
: Heat-resistant (120C)
Note. These values are for the pin plunger models.
Separator (Sold Separately), Terminal Connector (Sold Separately)
Refer to "Basic Switch Common Accessories"
Ratings
10.1 A
5 A
0.1 A
Actuator
Terminals
Contact Form Maximum Operating Force (OF)
Pin plunger
Solder terminals
SPDT
1.47 N {150 gf}
SS-10
SS-5
SS-01
SPST-NC
SS-10-2
SS-5-2
SS-01-2
SPST-NO
SS-10-3
SS-5-3
SS-01-3
Quick-connect
terminals (#110)
SPDT
SS-10T
SS-5T
SS-01T
SPST-NC
SS-10-2T
SS-5-2T
SS-01-2T
SPST-NO
SS-10-3T
SS-5-3T
SS-01-3T
PCB terminals
SPDT
SS-10D
SS-5D
SS-01D
SPST-NC
SS-10-2D
SS-5-2D
SS-01-2D
SPST-NO
SS-10-3D
SS-5-3D
SS-01-3D
Solder terminals
SPDT
0.49 N {50 gf}
-
SS-5-F
SS-01-F
SPST-NC
-
SS-5-F-2
SS-01-F-2
SPST-NO
-
SS-5-F-3
SS-01-F-3
Quick-connect
terminals (#110)
SPDT
-
SS-5-FT
SS-01-FT
SPST-NC
-
SS-5-F-2T
SS-01-F-2T
SPST-NO
-
SS-5-F-3T
SS-01-F-3T
PCB terminals
SPDT
-
SS-5-FD
SS-01-FD
SPST-NC
-
SS-5-F-2D
SS-01-F-2D
SPST-NO
-
SS-5-F-3D
SS-01-F-3D
Solder terminals
SPDT
0.25 N {25 gf}
--
SS-01-E
SPST-NC
-
-
SS-01-E-2
SPST-NO
-
-
SS-01-E-3
Quick-connect
terminals (#110)
SPDT
--
SS-01-ET
SPST-NC
-
-
SS-01-E-2T
SPST-NO
-
-
SS-01-E-3T
PCB terminals
SPDT
--
SS-01-ED
SPST-NC
-
-
SS-01-E-2D
SPST-NO
-
-
SS-01-E-3D


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn