Moteur de recherche de fiches techniques de composants électroniques |
|
TL432QDBZR Fiches technique(PDF) 6 Page - Texas Instruments |
|
|
TL432QDBZR Fiches technique(HTML) 6 Page - Texas Instruments |
6 / 40 page TL431, TL431A, TL431B, TL432, TL432A, TL432B ADJUSTABLE PRECISION SHUNT REGULATORS SLVS543A – AUGUST 2004 − REVISED AUGUST 2004 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description/ordering information (continued) Vref TOLERANCE (25°C) = 0.5% TL431B, TL432B ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING‡ PDIP (P) Tube of 50 TL431BCP TL431BCP SC-70 (DCK) Reel of 3000 TL431BCDCKR TBD SC-70 (DCK) Reel of 250 TL431BCDCKT TBD SOIC (D) Tube of 75 TL431BCD T431B SOIC (D) Reel of 2500 TL431BCDR T431B SOP (PS) Reel of 2000 TL431BCPSR TL431B Reel of 3000 TL431BCDBVR T3G_ SOT-23-5 (DBV) Reel of 250 TL431BCDBVT T3G_ SOT-23-5 (DBV) Reel of 3000 TL432BCDBVR TBC_ 0 °C to 70°C Reel of 250 TL432BCDBVT TBC_ 0 °C to 70°C Reel of 3000 TL431BCDBZR T3G_ SOT-23-3 (DBZ) Reel of 250 TL431BCDBZT T3G_ SOT-23-3 (DBZ) Reel of 3000 TL432BCDBZR TBC_ Reel of 250 TL432BCDBZT TBC_ SOT-89 (PK) Reel of 1000 TL431BCPK 4C Bulk of 1000 TL431BCLP TO-226/TO-92 (LP) Ammo of 2000 TL431BCLPM TL431B TO-226/TO-92 (LP) Reel of 2000 TL431BCLPR TL431B TSSOP (PW) Tube of 150 TL431BCPW T431B TSSOP (PW) Reel of 2000 TL431BCPWR T431B PDIP (P) Tube of 50 TL431BIP TL431BIP SC-70 (DCK) Reel of 3000 TL431BIDCKR TBD SC-70 (DCK) Reel of 250 TL431BIDCKT TBD SOIC (D) Tube of 75 TL431BID Z431B SOIC (D) Reel of 2500 TL431BIDR Z431B Reel of 3000 TL431BIDBVR T3F_ SOT-23-5 (DBV) Reel of 250 TL431BIDBVT T3F_ −40 °C to 85°C SOT-23-5 (DBV) Reel of 3000 TL432BIDBVR T4F_ −40 °C to 85°C Reel of 250 TL432BIDBVT T4F_ Reel of 3000 TL431BIDBZR T3F_ SOT-23-3 (DBZ) Reel of 250 TL431BIDBZT T3F_ SOT-23-3 (DBZ) Reel of 3000 TL432BIDBZR T4F_ Reel of 250 TL432IBDBZT T4F_ SOT-89 (PK) Reel of 1000 TL431BIPK 4I TO-226/TO-92 (LP) Bulk of 1000 TL431BILP Z431B TO-226/TO-92 (LP) Reel of 2000 TL431BILPR Z431B † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. ‡ DBV/DBZ/DCK: The actual top-side marking has one additional character that designates the assembly/test site. |
Numéro de pièce similaire - TL432QDBZR |
|
Description similaire - TL432QDBZR |