Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT42WS Fiches technique(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

No de pièce BAT42WS
Description  SCHOTTKY BARRIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Site Internet  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BAT42WS Fiches technique(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BAT42WS_15 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAT42WS_15 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAT42WS_15 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAT42WS_15 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0
5
10
15
20
0
5
10
15
20
0
25
50
75
100
125
0
50
100
150
200
250
0
100
200
300
400
500
600
700
0.1
1
10
100
010
20
30
0.01
0.1
1
10
100
T
a=25
f=1MHz
Capacitance Characteristics
REVERSE VOLTAGE V
R
(V)
Power Derating Curve
AMBIENT TEMPERATURE T
a
( )
Forward Characteristics
FORWARD VOLTAGE V
F
(mV)
200
Reverse Characteristics
REVERSE VOLTAGE V
R
(V)
T
a=25
T
a=100
Typical Characteristics
BAT43WS
www.cj-elec.com
2
E,Mar,2015


Numéro de pièce similaire - BAT42WS_15

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
BAT42WS SECOS-BAT42WS_15 Datasheet
638Kb / 2P
   0.2 AMP Schottky Barrier Rectifiers
logo
Diodes Incorporated
BAT42WS DIODES-BAT42WS_15 Datasheet
88Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Description similaire - BAT42WS_15

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com