Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CLC5957 Fiches technique(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce CLC5957
Description  12-bit, 70MSPS Broadband Monolithic A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5957 Fiches technique(HTML) 5 Page - National Semiconductor (TI)

  CLC5957 Datasheet HTML 1Page - National Semiconductor (TI) CLC5957 Datasheet HTML 2Page - National Semiconductor (TI) CLC5957 Datasheet HTML 3Page - National Semiconductor (TI) CLC5957 Datasheet HTML 4Page - National Semiconductor (TI) CLC5957 Datasheet HTML 5Page - National Semiconductor (TI) CLC5957 Datasheet HTML 6Page - National Semiconductor (TI) CLC5957 Datasheet HTML 7Page - National Semiconductor (TI) CLC5957 Datasheet HTML 8Page - National Semiconductor (TI) CLC5957 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
http://www.national.com
CLC5957 Typical Performance Characteristics (V
cc = +5V)
SNR
SNR and SFDR vs.
Input Amplitude (w/Dither)
Input Amplitude (dBFS)
10
20
30
40
50
60
90
-50
-40
-30
-20
-10
0
SFDR
Fin = 20MHz
Fs = 66MSPS
SNR
Input Amplitude (dBFS)
SFDR
Fin = 75MHz
Fs = 66MSPS
SNR
SFDR
Fin = 150MHz
Fs = 66MSPS
SNR and SFDR vs.
Input Amplitude (w/o Dither)
SNR and SFDR vs.
Input Amplitude (w/o Dither)
Input Amplitude (dBFS)
10
90
-50
-40
-30
70
-20
-10
50
30
80
60
40
20
0
SNR
SFDR
THD
Fin = 20MHz
Fs = 66MSPS
70
80
THD
THD
10
90
-50
-40
-30
70
-20
-10
50
30
80
60
40
20
0
SNR
Input Amplitude (dBFS)
SFDR
Fin = 250MHz
Fs = 66MSPS
SNR and SFDR vs.
Input Amplitude (w/o Dither)
THD
10
90
-50
-40
-30
70
-20
-10
50
30
80
60
40
20
0
Input Amplitude (dBFS)
SNR and SFDR vs.
Input Amplitude (w/o Dither)
10
90
-50
-40
-30
70
-20
-10
50
30
80
60
40
20
0
THD
Two Tone Output Spectrum (w/Dither)
Frequency (MHz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
20
Fs = 66MSPS
F1 = 249.5MHz
F2 = 251.5MHz
510
15
25
30
Two Tone Output Spectrum (w/Dither)
Frequency (MHz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Fs = 66MSPS
F1 = 149.5MHz
F2 = 150.5MHz
0
20
510
15
25
30
Two Tone Output Spectrum (w/Dither)
Frequency (MHz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
20
510
15
25
30
Fs = 66MSPS
F1 = 74.5MHz
F2 = 75.5MHz
Dither Signal =
300KHz @ -28dBFS
Dither Signal =
500KHz @ -28dBFS
Dither Signal =
300KHz @ -28dBFS


Numéro de pièce similaire - CLC5957

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
CLC5957 NSC-CLC5957 Datasheet
1Mb / 16P
   12-Bit, 70MSPS Broadband Monolithic A/D Converter
CLC5957MTD NSC-CLC5957MTD Datasheet
1Mb / 16P
   12-Bit, 70MSPS Broadband Monolithic A/D Converter
CLC5957MTDX NSC-CLC5957MTDX Datasheet
1Mb / 16P
   12-Bit, 70MSPS Broadband Monolithic A/D Converter
CLC5957PCASM NSC-CLC5957PCASM Datasheet
1Mb / 16P
   12-Bit, 70MSPS Broadband Monolithic A/D Converter
CLC5957 NSC-CLC5957_02 Datasheet
1Mb / 16P
   12-Bit, 70MSPS Broadband Monolithic A/D Converter
More results

Description similaire - CLC5957

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
CLC5957 NSC-CLC5957_02 Datasheet
1Mb / 16P
   12-Bit, 70MSPS Broadband Monolithic A/D Converter
CLC5956 NSC-CLC5956 Datasheet
391Kb / 10P
   12-bit, 65 MSPS Broadband Monolithic A/D Converter
CLC5955 NSC-CLC5955 Datasheet
222Kb / 10P
   11-bit, 55MSPS Broadband Monolithic A/D Converter
logo
Analog Devices
AD9022 AD-AD9022_15 Datasheet
411Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. A
AD568 AD-AD568_15 Datasheet
544Kb / 14P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
AD9022 AD-AD9022 Datasheet
240Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. B
AD9042 AD-AD9042 Datasheet
488Kb / 24P
   12-Bit, 41 MSPS Monolithic A/D Converter
REV. A
AD568 AD-AD568 Datasheet
541Kb / 14P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
logo
Renesas Technology Corp
HI-DAC80V RENESAS-HI-DAC80V Datasheet
483Kb / 8P
   12-Bit, Low Cost, Monolithic D/A Converter
logo
Analog Devices
AD6012 AD-AD6012_15 Datasheet
2Mb / 6P
   LOW COST MONOLITHIC 12 BIT D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com