Moteur de recherche de fiches techniques de composants électroniques |
|
74LVT16240DGGRE4 Fiches technique(PDF) 7 Page - Texas Instruments |
|
74LVT16240DGGRE4 Fiches technique(HTML) 7 Page - Texas Instruments |
7 / 11 page www.ti.com PARAMETER MEASUREMENT INFORMATION th tsu From Output Under Test CL = 50 pF (see Note A) LOAD CIRCUIT S1 Open GND 500 Ω 500 Ω Data Input Timing Input 2.7 V 0 V 2.7 V 0 V 2.7 V 0 V tw Input VOLTAGE WAVEFORMS SETUP AND HOLD TIMES VOLTAGE WAVEFORMS PROPAGATION DELAY TIMES INVERTING AND NONINVERTING OUTPUTS VOLTAGE WAVEFORMS PULSE DURATION tPLH tPHL tPHL tPLH VOH VOH VOL VOL 2.7 V 0 V Input Output Control Output Waveform 1 S1 at 6 V (see Note B) Output Waveform 2 S1 at GND (see Note B) VOL VOH tPZL tPZH tPLZ tPHZ 3 V 0 V VOL + 0.3 V VOH − 0.3 V ≈ 0 V 2.7 V VOLTAGE WAVEFORMS ENABLE AND DISABLE TIMES LOW- AND HIGH-LEVEL ENABLING Output Output tPHL/tPLH tPLZ/tPZL tPHZ/tPZH Open 6 V GND TEST S1 NOTES: A. CL includes probe and jig capacitance. B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. C. All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns. D. The outputs are measured one at a time with one transition per measurement. 6 V 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V SN54LVT16240 ,, SN74LVT16240 3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS SCBS717A – APRIL 2000 – REVISED NOVEMBER 2006 Figure 1. Load Circuit and Voltage Waveforms 7 Submit Documentation Feedback |
Numéro de pièce similaire - 74LVT16240DGGRE4 |
|
Description similaire - 74LVT16240DGGRE4 |