Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AUC2G66YZPR Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AUC2G66YZPR
Description  DUAL BILATERAL ANALOG SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC2G66YZPR Fiches technique(HTML) 5 Page - Texas Instruments

  SN74AUC2G66YZPR Datasheet HTML 1Page - Texas Instruments SN74AUC2G66YZPR Datasheet HTML 2Page - Texas Instruments SN74AUC2G66YZPR Datasheet HTML 3Page - Texas Instruments SN74AUC2G66YZPR Datasheet HTML 4Page - Texas Instruments SN74AUC2G66YZPR Datasheet HTML 5Page - Texas Instruments SN74AUC2G66YZPR Datasheet HTML 6Page - Texas Instruments SN74AUC2G66YZPR Datasheet HTML 7Page - Texas Instruments SN74AUC2G66YZPR Datasheet HTML 8Page - Texas Instruments SN74AUC2G66YZPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SN74AUC2G66
DUAL BILATERAL ANALOG SWITCH
SCES507 − NOVEMBER 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
analog switch characteristics, TA = 25°C (continued)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
VCC
TYP
UNIT
0.8 V
9
Crosstalk
CL = 50 pF, RL = 600 Ω,
1.1 V
14
Crosstalk
(control input to signal output)
C
A or B
CL = 50 pF, RL = 600 Ω,
fin = 1 MHz (square wave)
1.4 V
15
mV
(control input to signal output)
C
A or B
fin = 1 MHz (square wave)
(see Figure 8)
1.65 V
16
mV
2.3 V
20
0.8 V
−50
CL = 50 pF, RL = 600 Ω,
1.1 V
−50
CL = 50 pF, RL = 600 Ω,
fin = 1 MHz (sine wave)
1.4 V
−50
fin = 1 MHz (sine wave)
(see Figure 9)
1.65 V
−50
Feed-through attenuation‡
A or B
B or A
2.3 V
−50
dB
Feed-through attenuation‡
(switch OFF)
A or B
B or A
0.8 V
−60
dB
(switch OFF)
CL = 5 pF, RL = 50 Ω,
1.1 V
−60
CL = 5 pF, RL = 50 Ω,
fin = 1 MHz (sine wave)
1.4 V
−60
fin = 1 MHz (sine wave)
(see Figure 9)
1.65 V
−60
2.3 V
−60
0.8 V
7
A or B
B or A
CL = 50 pF, RL = 10 kΩ,
f
= 1 kHz (sine wave)
1.1 V
0.25
6
A or B
B or A
CL = 50 pF, RL = 10 k ,
fin = 1 kHz (sine wave)
(see Figure 10)
1.4 V
0.04
(see Figure 10)
1.65 V
0.03
Sine-wave distortion
2.3 V
0.01
%
Sine-wave distortion
0.8 V
3.7
%
CL = 50 pF, RL = 10 kΩ,
1.1 V
0.4
A or B
B or A
CL = 50 pF, RL = 10 kΩ,
fin = 10 kHz (sine wave)
(see Figure 10)
1.4 V
0.04
A or B
B or A
fin = 10 kHz (sine wave)
(see Figure 10)
1.65 V
0.02
2.3 V
0.02
‡ Adjust fin voltage to obtain 0 dBm at input.
operating characteristics, TA = 25°C
PARAMETER
TEST
VCC = 0.8 V VCC = 1.2 V VCC = 1.5 V VCC = 1.8 V VCC = 2.5 V
UNIT
PARAMETER
TEST
CONDITIONS
TYP
TYP
TYP
TYP
TYP
UNIT
Cpd
Power dissipation
capacitance
f = 10 MHz
2.5
2.5
2.5
2.5
2.5
pF


Numéro de pièce similaire - SN74AUC2G66YZPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUC2G66YZPR TI-SN74AUC2G66YZPR Datasheet
459Kb / 18P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
More results

Description similaire - SN74AUC2G66YZPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74LVC2G66 TI-SN74LVC2G66_07 Datasheet
585Kb / 19P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74LVC2G66 UTC-U74LVC2G66 Datasheet
247Kb / 10P
   DUAL BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74LVC2G66-Q1 TI1-SN74LVC2G66-Q1_14 Datasheet
868Kb / 19P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66 TI-SN74AUC2G66_08 Datasheet
459Kb / 18P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66 TI-SN74LVC2G66 Datasheet
433Kb / 19P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66 TI-SN74AUC2G66_15 Datasheet
845Kb / 21P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74LVC2G66 UTC-U74LVC2G66_15 Datasheet
297Kb / 10P
   DUAL BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74LVC2G66-Q1 TI-SN74LVC2G66-Q1_15 Datasheet
842Kb / 18P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66-Q1 TI1-SN74LVC2G66-Q1 Datasheet
648Kb / 17P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66 TI1-SN74LVC2G66_14 Datasheet
981Kb / 23P
[Old version datasheet]   SN74LVC2G66 Dual Bilateral Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com