Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAW56T Fiches technique(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

No de pièce BAW56T
Description  SWITCHING DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Site Internet  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BAW56T Fiches technique(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BAW56T Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAW56T Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAW56T Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAW56T Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
www.cj-elec.com
1
B,Oct,2014
SOT-523 Plastic-Encapsulate Diode
BAW56T
BAV70
T
MARKING:JD
MARKING:JE
Solid dot = Green molding compound device,
the normal device
if none,
BAV99T
Maximum Ratings @Ta=25
Reverse Voltage
VR
85
V
Forward Current
IF
75
mA
IFSM
2.0
A
Power Dissipation
PD
150
mW
Thermal Resistance Junction to Ambient
RθJA
833
℃/W
Junction Temperature
TJ
150
Storage Temperature range
TSTG
-55
~+150
Forward Surge Current @t=8.3ms
Non-Repetitive Peak
Parameter
Symbol
Limit
Unit
MARKING:JJ
BAW56T/BAV70T/BAV99T SWITCHING DIODE
FEATURES
Fast Switching Speed
For General Purpose Switching Applications
High Conductance
SOT-523
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Max
Unit
Reverse breakdown voltage
V(BR)
IR= 1μA
85
V
IR1
VR=75V
2
μA
Reverse voltage leakage current
IR2
VR=25V
0.03
μA
Forward voltage
VF
IF=1mA
IF=10mA
IF=50mA
IF=150mA
715
855
1000
1250
mV
Diode capacitance
CD
VR=0
f=1MHz
1.5
pF
Reverse recovery time
t r r
IF=IR=10mA
Irr=0.1×IR,RL=100Ω
4
n
s
JD
JD
J J
J J
J E
J E


Numéro de pièce similaire - BAW56T

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BAW56T PHILIPS-BAW56T Datasheet
72Kb / 12P
   High-speed double diode
1997 Dec 19
logo
Shenzhen Luguang Electr...
BAW56T LUGUANG-BAW56T Datasheet
223Kb / 2P
   Switching Diode
logo
Micro Commercial Compon...
BAW56T MCC-BAW56T Datasheet
232Kb / 3P
   150mW 85Volt Switching Diode
logo
Diodes Incorporated
BAW56T DIODES-BAW56T Datasheet
200Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30260 Rev. 3 - 2
logo
Shenzhen Luguang Electr...
BAW56T LUGUANG-BAW56T Datasheet
223Kb / 2P
   Switching Diode
More results

Description similaire - BAW56T

FabricantNo de pièceFiches techniqueDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com