Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2611BMF Fiches technique(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM2611BMF
Description  1.4MHz Cuk Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2611BMF Fiches technique(HTML) 11 Page - National Semiconductor (TI)

Back Button LM2611BMF Datasheet HTML 5Page - National Semiconductor (TI) LM2611BMF Datasheet HTML 6Page - National Semiconductor (TI) LM2611BMF Datasheet HTML 7Page - National Semiconductor (TI) LM2611BMF Datasheet HTML 8Page - National Semiconductor (TI) LM2611BMF Datasheet HTML 9Page - National Semiconductor (TI) LM2611BMF Datasheet HTML 10Page - National Semiconductor (TI) LM2611BMF Datasheet HTML 11Page - National Semiconductor (TI) LM2611BMF Datasheet HTML 12Page - National Semiconductor (TI) LM2611BMF Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Application Circuits (Continued)
Shutdown/Soft Start
A soft start circuit is used in switching power supplies to limit
the input inrush current upon start-up. Without a soft-start
circuit, the inrush current can be several times the
steady-state load current, and thus apply unnecessary
stress to the input source. The LM2611 does not have
soft-start circuitry, but implementing the circuit in
Figure 11
will lower the peak inrush current. The SHDN pin is coupled
to the output through C
SS. The LM2611 is toggled between
shutdown and run states while the output slowly decreases
to its steady-state value. The energy required to reach
steady-state is spread over a longer time and the input
current spikes decrease (see
Figure 12 and Figure 13).
20018125
FIGURE 11. LM2611 Soft Start Circuit
20018142
FIGURE 12. Start-Up Waveforms with Soft Start Circuit
20018141
FIGURE 13. Start-Up Waveforms without Soft Start
Circuit
www.national.com
11


Numéro de pièce similaire - LM2611BMF

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2611BMF NSC-LM2611BMF Datasheet
832Kb / 15P
   1.4MHz Cuk Converter
logo
Texas Instruments
LM2611BMF/NOPB TI1-LM2611BMF/NOPB Datasheet
487Kb / 22P
[Old version datasheet]   Cuk Converter
logo
National Semiconductor ...
LM2611BMFX NSC-LM2611BMFX Datasheet
832Kb / 15P
   1.4MHz Cuk Converter
logo
Texas Instruments
LM2611BMFX/NOPB TI1-LM2611BMFX/NOPB Datasheet
487Kb / 22P
[Old version datasheet]   Cuk Converter
More results

Description similaire - LM2611BMF

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2611 NSC-LM2611_05 Datasheet
832Kb / 15P
   1.4MHz Cuk Converter
logo
Texas Instruments
LM2611 TI-LM2611_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM2611 1.4MHz Cuk Converter
LM2611 TI1-LM2611 Datasheet
487Kb / 22P
[Old version datasheet]   Cuk Converter
logo
Monolithic Power System...
MP3209 MPS-MP3209 Datasheet
397Kb / 11P
   1.4MHz, 350mA Boost Converter
logo
SG Micro Corp
SGM6232 SGMICRO-SGM6232 Datasheet
372Kb / 14P
   1.4MHz Step-Down Converter
SGM6132 SGMICRO-SGM6132 Datasheet
404Kb / 14P
   1.4MHz Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1112 SKYWORKS-AAT1112 Datasheet
1Mb / 19P
   1.5A, 1.4MHz Step-Down Converter
logo
Advanced Analogic Techn...
AAT1112 ANALOGICTECH-AAT1112 Datasheet
838Kb / 20P
   1.5A, 1.4MHz Step-Down Converter
AAT1112_0711 ANALOGICTECH-AAT1112_0711 Datasheet
642Kb / 19P
   1.5A, 1.4MHz Step-Down Converter
logo
Taiwan Semiconductor Co...
TS3410 TSC-TS3410_10 Datasheet
463Kb / 10P
   1A / 1.4MHz Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com