Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM24V02A-GTR Fiches technique(PDF) 4 Page - Cypress Semiconductor

No de pièce FM24V02A-GTR
Description  256-Kbit (32K 횞 8) Serial (I2C) F-RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM24V02A-GTR Fiches technique(HTML) 4 Page - Cypress Semiconductor

  FM24V02A-GTR Datasheet HTML 1Page - Cypress Semiconductor FM24V02A-GTR Datasheet HTML 2Page - Cypress Semiconductor FM24V02A-GTR Datasheet HTML 3Page - Cypress Semiconductor FM24V02A-GTR Datasheet HTML 4Page - Cypress Semiconductor FM24V02A-GTR Datasheet HTML 5Page - Cypress Semiconductor FM24V02A-GTR Datasheet HTML 6Page - Cypress Semiconductor FM24V02A-GTR Datasheet HTML 7Page - Cypress Semiconductor FM24V02A-GTR Datasheet HTML 8Page - Cypress Semiconductor FM24V02A-GTR Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
FM24V02A
Document Number: 001-90839 Rev. *G
Page 4 of 19
Functional Overview
The FM24V02A is a serial F-RAM memory. The memory array is
logically organized as 32,768 × 8 bits and is accessed using a
two-wire (I2C) interface. The functional operation of the F-RAM
is similar to serial EEPROM. The major difference between the
FM24V02A and a serial EEPROM with the same pinout is the
F-RAM's superior write performance, high endurance, and low
power consumption.
Memory Architecture
When accessing the FM24V02A, the user addresses 32K
locations of eight data bits each. These eight data bits are shifted
in or out serially. The addresses are accessed using the two-wire
protocol, which includes a slave address (to distinguish other
non-memory devices) and a two-byte address. The upper MSB
bit of the address range is 'don't care' value. The complete
address of 15 bits specifies each byte address uniquely.
The access time for the memory operation is essentially zero,
beyond the time needed for the serial protocol. That is, the
memory is read or written at the speed of the two-wire bus. Unlike
a serial EEPROM, it is not necessary to poll the device for a
ready condition because writes occur at bus speed. By the time
a new bus transaction can be shifted into the device, a write
operation is complete. This is explained in more detail in Memory
Operation on page 7.
Two-wire Interface
The FM24V02A employs a bidirectional two-wire bus protocol
using few pins or board space. Figure 2 illustrates a typical
system configuration using the FM24V02A in a microcon-
troller-based system. The two-wire bus is familiar to many users
but is described in this section.
By convention, any device that is sending data to the bus is the
transmitter while the target device for this data is the receiver.
The device that is controlling the bus is the master. The master
is responsible for generating the clock signal for all operations.
Any device on the bus that is being controlled is a slave. The
FM24V02A is always a slave device.
The bus protocol is controlled by transition states in the SDA and
SCL signals. There are four conditions including START, STOP,
data bit, or acknowledge. Figure 3 and Figure 4 on page 5 illus-
trate the signal conditions that specify the four states. Detailed
timing diagrams are shown in the electrical specifications
section.
The FM24V02A does not meet the NXP I2C specification in the
Fast-mode Plus (Fm+, 1 MHz) for IOL and in the High Speed
Mode (Hs-mode, 3.4 MHz) for Vhys. Refer to the DC Electrical
Characteristics table for more details.
Figure 2. System Configuration Using Serial (I2C) F-RAM
SDA
SCL
DD
A0
A0
A0
A1
A1
A1
SCL
SCL
SCL
SDA
SDA
SDA
WP
WP
WP
#0
#1
#7
A2
A2
A2
Microcontroller
V
DD
V
DD
V
FM24V02A
FM24V02A
FM24V02A
RPmin = (VDD - VOLmax) / IOL
RPmax = tr / (0.8473 * Cb)


Numéro de pièce similaire - FM24V02A-GTR

FabricantNo de pièceFiches techniqueDescription
logo
Ramtron International C...
FM24V02 RAMTRON-FM24V02 Datasheet
200Kb / 15P
   256Kb Serial 3V F-RAM Memory
FM24V02 RAMTRON-FM24V02 Datasheet
341Kb / 16P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24V02-G RAMTRON-FM24V02-G Datasheet
200Kb / 15P
   256Kb Serial 3V F-RAM Memory
FM24V02-G RAMTRON-FM24V02-G Datasheet
341Kb / 16P
   256Kb Serial 3V F-RAM Memory
More results

Description similaire - FM24V02A-GTR

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY15B256J CYPRESS-CY15B256J Datasheet
1Mb / 21P
   256-Kbit (32K 횞 8) Automotive Serial (I2C) F-RAM
FM25V02A CYPRESS-FM25V02A Datasheet
819Kb / 23P
   256-Kbit (32K 횞 8) Serial (SPI) F-RAM
CY15B256Q CYPRESS-CY15B256Q Datasheet
778Kb / 22P
   256-Kbit (32K 횞 8) Automotive Serial (SPI) F-RAM
FM24V01A CYPRESS-FM24V01A Datasheet
1Mb / 19P
   128-Kbit (16K 횞 8) Serial (I2C) F-RAM
CY15B128J CYPRESS-CY15B128J Datasheet
1Mb / 19P
   128-Kbit (16K 횞 8) Automotive Serial (I2C) F-RAM
CY15B064J CYPRESS-CY15B064J Datasheet
369Kb / 18P
   64-Kbit (8K 횞 8) Serial (I2C) Automotive F-RAM
CY14V256LA CYPRESS-CY14V256LA Datasheet
491Kb / 22P
   256-Kbit (32K 횞 8) nvSRAM
CY14MC256J CYPRESS-CY14MC256J_12 Datasheet
1Mb / 30P
   256-Kbit (32 K 횞 8) Serial (I2C) nvSRAM
FM25V01A CYPRESS-FM25V01A Datasheet
777Kb / 22P
   128-Kbit (16K 횞 8) Serial (SPI) F-RAM
CY15E016Q CYPRESS-CY15E016Q Datasheet
613Kb / 20P
   16-Kbit (2K 횞 8) Serial (SPI) Automotive F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com