Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK1324 Fiches technique(PDF) 2 Page - Inchange Semiconductor Company Limited

No de pièce 2SK1324
Description  Drain Current ?밒D=2A@ TC=25C
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISC [Inchange Semiconductor Company Limited]
Site Internet  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SK1324 Fiches technique(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SK1324 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SK1324 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
isc N-Channel Mosfet Transistor
2SK1324
·ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0; ID= 10mA
900
V
VGS(th)
Gate Threshold Voltage
VDS=10 VGS; ID=1mA
2.0
4.0
V
RDS(on)
Drain-Source On-stage Resistance
VGS=10V; ID=1A
7.5
Ω
IGSS
Gate Source Leakage Current
VGS= ±20V;VDS= 0
±100
nA
IDSS
Zero Gate Voltage Drain Current
VDS=900V; VGS= 0
500
uA
PDF pdfFactory Pro
www.fineprint.cn


Numéro de pièce similaire - 2SK1324

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
2SK1320 ISC-2SK1320 Datasheet
65Kb / 2P
   Drain Current ?밒D= 8A@ TC=25C
2SK1321 ISC-2SK1321 Datasheet
65Kb / 2P
   Drain Current ?밒D= 5A@ TC=25C
2SK1322 ISC-2SK1322 Datasheet
65Kb / 2P
   Drain Current ?밒D= 5A@ TC=25C
2SK1323 ISC-2SK1323 Datasheet
65Kb / 2P
   Drain Current ?밒D= 2A@ TC=25C
2SK1327L ISC-2SK1327L Datasheet
849Kb / 2P
   iscN-Channel MOSFET Transistor
More results

Description similaire - 2SK1324

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
2SK529 ISC-2SK529 Datasheet
66Kb / 2P
   Drain Current ?밒D=2A@ TC=25C
2SK1323 ISC-2SK1323 Datasheet
65Kb / 2P
   Drain Current ?밒D= 2A@ TC=25C
2SK528 ISC-2SK528 Datasheet
66Kb / 2P
   Drain Current ?밒D=2A@ TC=25C
2SK959 ISC-2SK959 Datasheet
67Kb / 2P
   Drain Current ?밒D=2A@ TC=25C
2SK858 ISC-2SK858 Datasheet
65Kb / 2P
   Drain Current ?밒D=2A@ TC=25C
2SK1143 ISC-2SK1143 Datasheet
66Kb / 2P
   Drain Current ?밒D=2A@ TC=25C
2SK958 ISC-2SK958 Datasheet
64Kb / 2P
   Drain Current ?밒D=2A@ TC=25C
2SK1142 ISC-2SK1142 Datasheet
66Kb / 2P
   Drain Current ?밒D=2A@ TC=25C
2SK635 ISC-2SK635 Datasheet
64Kb / 2P
   Drain Current ?밒D=3A@ TC=25C
2SK1680 ISC-2SK1680 Datasheet
67Kb / 2P
   Drain Current ?밒D=20A@ TC=25C
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com