Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74273704 Fiches technique(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No de pièce 74273704
Description  Earthing Belt
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Site Internet  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74273704 Fiches technique(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74273704 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74273704 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.3
3.2
3.1
3.0
2.0
REV
2015-02-11
2014-10-22
2013-04-24
2013-01-16
2010-03-09
DATE
SSt
SSt
SSt
SSt
WJ
BY
WJ
WJ
SSt
WJ
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
Earthing Belt
Order.- No.
74273704
SIZE
A4
A Dimensions: [mm]
D Electrical Properties:
Properties
Volume Resistance
Value
0.009
Unit
Ω
Tol.
max.
E General information:
•Storage Temperature: -40°C to 85°C
•Operating Temperature: -40°C to 85°C
•non-inflammable/ self extinguishing
•Test conditions of Electrical Properties: 25°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Numéro de pièce similaire - 74273704

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
74273701 WURTH-74273701 Datasheet
207Kb / 2P
   Earthing Belt
74273702 WURTH-74273702 Datasheet
207Kb / 2P
   Earthing Belt
74273703 WURTH-74273703 Datasheet
203Kb / 2P
   Earthing Belt
More results

Description similaire - 74273704

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
74273703 WURTH-74273703 Datasheet
203Kb / 2P
   Earthing Belt
74273701 WURTH-74273701 Datasheet
207Kb / 2P
   Earthing Belt
74273711 WURTH-74273711 Datasheet
205Kb / 2P
   Earthing Belt
74273712 WURTH-74273712 Datasheet
207Kb / 2P
   Earthing Belt
74273702 WURTH-74273702 Datasheet
207Kb / 2P
   Earthing Belt
74273714 WURTH-74273714 Datasheet
205Kb / 2P
   Earthing Belt
74273713 WURTH-74273713 Datasheet
203Kb / 2P
   Earthing Belt
7425111 WURTH-7425111 Datasheet
208Kb / 3P
   Earthing Metal Clip
001.001
7425103 WURTH-7425103 Datasheet
210Kb / 3P
   Earthing Metal Clip
001.000
7425109 WURTH-7425109 Datasheet
210Kb / 3P
   Earthing Metal Clip
001.000
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com