Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4758A Fiches technique(PDF) 1 Page - Comchip Technology

No de pièce 1N4758A
Description  1.0W Zener Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COMCHIP [Comchip Technology]
Site Internet  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

1N4758A Fiches technique(HTML) 1 Page - Comchip Technology

  1N4758A Datasheet HTML 1Page - Comchip Technology 1N4758A Datasheet HTML 2Page - Comchip Technology 1N4758A Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1N4728A thru 1N4764A
Features
- 1.0 Watt Power Dissipation
- 3.3V - 100V Nominal Zener Voltage
- Standard VZ Tolerance is 5%
Mechanical Data
- Case: DO-41, Glass
- Terminals: Solderable per MIL-STD-202,
Method 208
- Polarity: Cathode Band
- Approx. Weight: 0.35 grams
1.0W Zener Diode
1.0W Zener Diode
www.comchiptech.com
COMCHIP
COMCHIP
MDS0312003A
Page 1
Nominal Zener Voltage: 3.3 to 100V
Power Dissipation: 1.0W
DO-41 Glass
Dimensions in inches and (millimeters)
1.0 (25.4)
Min.
1.0 (25.4)
Min.
0.107 (2.71)
Max.
0.185 (4.7)
Max.
0.034 (0.863)
Max.
Characteristic
Symbol
Value
Unit
Zener Current (see Table page 2)
IZ
Pd / VZ
mA
Power Dissipation
Derate Above 50°C
(Note 1)
Pd
1.0
6.67
W
mW/°C
Thermal Resistance - Junction to Ambient Air
RqJA
175
°C/W
Forward Voltage @ IF = 200 mA
VF
1.2
V
Operating and Storage Temperature Range
Tj,TSTG
-65 to + 200
°C
Note:
1. Valid provided that leads are kept at TL @ 50
°C with lead length = 9.5mm (3/8”) from case.
Maximum Ratings @ TA = 25°C unless otherwise specified


Numéro de pièce similaire - 1N4758A

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
1N4758A TSC-1N4758A Datasheet
5Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
logo
Vishay Siliconix
1N4758A VISHAY-1N4758A Datasheet
40Kb / 4P
   Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
1N4758A VISHAY-1N4758A Datasheet
75Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
WILLAS ELECTRONIC CORP
1N4758A WILLAS-1N4758A Datasheet
627Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Fairchild Semiconductor
1N4758A FAIRCHILD-1N4758A Datasheet
52Kb / 5P
   Zeners
More results

Description similaire - 1N4758A

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
1N4728A DIODES-1N4728A_08 Datasheet
124Kb / 3P
   1.0W ZENER DIODE
logo
Won-Top Electronics
1N4728A WTE-1N4728A Datasheet
44Kb / 4P
   1.0W ZENER DIODE
logo
Diodes Incorporated
1N4728A DIODES-1N4728A_1 Datasheet
451Kb / 4P
   1.0W ZENER DIODE
DS18007 Rev. 16 - 2
logo
Zibo Seno Electronic En...
1N4764A ZSELEC-1N4764A Datasheet
109Kb / 2P
   1.0W ZENER DIODE
logo
Diodes Incorporated
SMAZ36-13 DIODES-SMAZ36-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ39-13 DIODES-SMAZ39-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ7V5-13 DIODES-SMAZ7V5-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Sangdest Microelectroni...
1SMA4741 SMC-1SMA4741 Datasheet
265Kb / 6P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
1SMA4736A WTE-1SMA4736A Datasheet
96Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
SMAZ5V1 DIODES-SMAZ5V1_1 Datasheet
90Kb / 4P
   1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 14 - 2
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com