Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TZY2Z060A001R00 Fiches technique(PDF) 2 Page - Murata Manufacturing Co., Ltd.

No de pièce TZY2Z060A001R00
Description  New shape of cover can improve the flux invasion compared with current products
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TZY2Z060A001R00 Fiches technique(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  TZY2Z060A001R00 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. TZY2Z060A001R00 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. TZY2Z060A001R00 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
TZY2Z060A001R00
Specifications
Shape
SMD
Operating Temperature Range
-
25
to
85
Thickness
1.25mm
Thickness Tolerance
max.
Rated Voltage
25Vdc
Cmin.(max.)
2.5pF
Cmax.
6pF
Adjustment Direction
Top
Soldering Method
Reflow
Soldering Iron
TC
NP0±300ppm/
Q
500min. at 1MHz, Cmax.
Withstanding Voltage
55Vdc
Insulation Resistance(min.)
10000MΩ
Torque
0.7 to 4.9mNm
Mass
0.035g
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2016/06/16


Numéro de pièce similaire - TZY2Z060A001R00

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
TZY2Z060A001R00 MURATA1-TZY2Z060A001R00 Datasheet
268Kb / 3P
   Small and thin size with external dimensions of
Last updated06/21/2022
TZY2Z060A001R00 MURATA1-TZY2Z060A001R00_V01 Datasheet
268Kb / 3P
   Small and thin size with external dimensions of
Last updated06/21/2022
More results

Description similaire - TZY2Z060A001R00

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
TZY2Z030AC01R00 MURATA-TZY2Z030AC01R00 Datasheet
196Kb / 3P
   New shape of cover can improve the flux invasion compared with current products
TZY2Z010A001B00 MURATA-TZY2Z010A001B00 Datasheet
192Kb / 3P
   New shape of cover can improve the flux invasion compared with current products
TZY2R200AC01B00 MURATA-TZY2R200AC01B00 Datasheet
200Kb / 3P
   New shape of cover can improve the flux invasion compared with current products
TZY2R250A001B00 MURATA-TZY2R250A001B00 Datasheet
192Kb / 3P
   New shape of cover can improve the flux invasion compared with current products
TZY2Z010AC01R00 MURATA-TZY2Z010AC01R00 Datasheet
194Kb / 3P
   New shape of cover can improve the flux invasion compared with current products
TZY2Z030A001R00 MURATA-TZY2Z030A001R00 Datasheet
192Kb / 3P
   New shape of cover can improve the flux invasion compared with current products
TZY2Z100AC01B00 MURATA-TZY2Z100AC01B00 Datasheet
198Kb / 3P
   New shape of cover can improve the flux invasion compared with current products
TZY2R250AC01B00 MURATA-TZY2R250AC01B00 Datasheet
194Kb / 3P
   New shape of cover can improve the flux invasion compared with current products
TZY2Z060AC01R00 MURATA-TZY2Z060AC01R00 Datasheet
200Kb / 3P
   New shape of cover can improve the flux invasion compared with current products
TZY2Z100AC01R00 MURATA-TZY2Z100AC01R00 Datasheet
202Kb / 3P
   New shape of cover can improve the flux invasion compared with current products
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com