Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SK1014 Fiches technique(PDF) 2 Page - Inchange Semiconductor Company Limited

No de pièce 2SK1014
Description  Drain Current –ID=12A@ TC=25C
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISC [Inchange Semiconductor Company Limited]
Site Internet  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SK1014 Fiches technique(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SK1014 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SK1014 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
isc N-Channel Mosfet Transistor
2SK1014
·ELECTRICAL CHARACTERISTICS (T
C=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0; ID= 1mA
500
V
VGS(th)
Gate Threshold Voltage
VDS= VGS; ID=1mA
2.5
3.5
5.0
V
RDS(on)
Drain-Source On-stage Resistance
VGS=10V; ID= 6A
0.59
0.74
Ω
IGSS
Gate Source Leakage Current
VGS= ±30V;VDS= 0
±100
nA
IDSS
Zero Gate Voltage Drain Current
VDS=500V; VGS= 0
500
uA
VSD
Forward On-Voltage
IS=12A; VGS=0
1.1
1.5
V
tr
Rise time
VGS=10V;ID=12A;
RL=25Ω
110
170
ns
ton
Turn-on time
140
215
ns
tf
Fall time
90
140
ns
toff
Turn-off time
240
370
ns
PDF pdfFactory Pro
www.fineprint.cn


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn